Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC08 Datasheet(PDF) 9 Page - STMicroelectronics

Part # M74HC08
Description  Quad dual-input and gate
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC08 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M74HC08 Datasheet HTML 5Page - STMicroelectronics M74HC08 Datasheet HTML 6Page - STMicroelectronics M74HC08 Datasheet HTML 7Page - STMicroelectronics M74HC08 Datasheet HTML 8Page - STMicroelectronics M74HC08 Datasheet HTML 9Page - STMicroelectronics M74HC08 Datasheet HTML 10Page - STMicroelectronics M74HC08 Datasheet HTML 11Page - STMicroelectronics M74HC08 Datasheet HTML 12Page - STMicroelectronics M74HC08 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
M74HC08
Electrical characteristics
Table 7: AC electrical characteristics (CL = 50 pF, input tr = tf = 6 ns)
Symbol
Parameter
Test
condition
Value
Unit
TA = 25°C
-40 to
85°C
-55 to
125°C
VCC (V)
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tTLH tTHL
Output
transition time
2.0
30
75
95
110
ns
4.5
8
15
19
22
6.0
7
13
16
19
tPLH
tPHL
Propagation
delay time
2.0
24
75
95
110
ns
4.5
8
15
19
22
6.0
7
13
16
19
Table 8: Capacitive characteristics
Symbol
Parameter
Test
condition
Value
Unit
TA = 25°C
-40 to 85°C
-55 to
125°C
VCC (V)
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input
capacitance
5.0
5
10
10
10
pF
CPD
Power
dissipation
capacitance
(1)
5.0
19
pF
Notes:
(1)C
PD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the
operating current consumption without load (refer to the test circuit). The average operating current
can be obtained by the following equation: ICC(opr) = CPD x VCC x fIN + ICC/4 (per gate).
DocID001885 Rev 2
9/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com