Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC280 Datasheet(PDF) 13 Page - STMicroelectronics

Part # M74HC280
Description  9-bit parity generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC280 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M74HC280 Datasheet HTML 6Page - STMicroelectronics M74HC280 Datasheet HTML 7Page - STMicroelectronics M74HC280 Datasheet HTML 8Page - STMicroelectronics M74HC280 Datasheet HTML 9Page - STMicroelectronics M74HC280 Datasheet HTML 10Page - STMicroelectronics M74HC280 Datasheet HTML 11Page - STMicroelectronics M74HC280 Datasheet HTML 12Page - STMicroelectronics M74HC280 Datasheet HTML 13Page - STMicroelectronics M74HC280 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
DocID1938 Rev 2
13/14
M74HC280
Ordering information
14
5
Ordering information
6
Revision history
Table 11. Order codes
Order code
Temp. range
Package
Packing
Marking
M74HC280RM13TR
-55 °C to 125 °C
S014
Tape and reel
74HC280
M74HC280YRM13TR(1)
-40 °C to 125 °C
SO14 (automotive grade)
74HC280Y
M74HC280TTR
-55 °C to 125 °C
TSSOP14
HC280
M74HC280YTTR(1)
-40 °C to 125 °C
TSSOP14 (automotive grade)
HC280Y
1. Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC
Q001 and Q002 or equivalent.
Table 12. Document revision history
Date
Revision
Changes
15-Jan-2014
2
Removed DIP14 package
Added ESD data
Table 1: Device summary: added automotive grade order codes,
added temperature range, and marking details.
Added Section 5: Ordering information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com