Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC280 Datasheet(PDF) 3 Page - STMicroelectronics

Part # M74HC280
Description  9-bit parity generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC280 Datasheet(HTML) 3 Page - STMicroelectronics

  M74HC280 Datasheet HTML 1Page - STMicroelectronics M74HC280 Datasheet HTML 2Page - STMicroelectronics M74HC280 Datasheet HTML 3Page - STMicroelectronics M74HC280 Datasheet HTML 4Page - STMicroelectronics M74HC280 Datasheet HTML 5Page - STMicroelectronics M74HC280 Datasheet HTML 6Page - STMicroelectronics M74HC280 Datasheet HTML 7Page - STMicroelectronics M74HC280 Datasheet HTML 8Page - STMicroelectronics M74HC280 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
DocID1938 Rev 2
3/14
M74HC280
Pin information
14
1
Pin information
Figure 1. Pin connection and IED logic symbols
Table 2. Pin description
Pin no
Symbol
Name and function
5, 6
ΣEVEN, ΣODD
Parity outputs
8, 9, 10, 11, 12, 13, 1, 2, 4
A to I
Data inputs
3
NC
No connection
7
GND
Ground (0 V)
14
VCC
Positive supply voltage
GAMS0601141445CB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com