Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC280 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC280
Description  9-bit parity generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC280 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC280 Datasheet HTML 1Page - STMicroelectronics M74HC280 Datasheet HTML 2Page - STMicroelectronics M74HC280 Datasheet HTML 3Page - STMicroelectronics M74HC280 Datasheet HTML 4Page - STMicroelectronics M74HC280 Datasheet HTML 5Page - STMicroelectronics M74HC280 Datasheet HTML 6Page - STMicroelectronics M74HC280 Datasheet HTML 7Page - STMicroelectronics M74HC280 Datasheet HTML 8Page - STMicroelectronics M74HC280 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
This is information on a product in full production.
January 2014
DocID1938 Rev 2
1/14
M74HC280
9-bit parity generator
Datasheet
- production data
Features
• High-speed:
tPD = 22 ns (typ.) at VCC = 6 V
• Low power dissipation:
ICC = 4 μA (max.) at TA = 25 °C
• High noise immunity:
VNIH = VNIH = 28 % VCC (min)
• Symmetrical output impedance:
|IOH| = IOL = 4 mA (min.)
• Balanced propagation delays:
tPLH ≅ tPHL
• Wide operating voltage range:
VCC (opr) = 2 V to 6 V
• Pin and function compatible with 74 series 280
• ESD performance
–HBM: 2 kV
– MM: 200 V
–CDM: 1 kV
Description
The M74HC280 is a high-speed CMOS 9-bit
parity generator fabricated with silicon gate
C2MOS technology.
It is composed of nine data inputs (A to I) and
odd/even parity outputs (ΣODD and ΣEVEN). The
nine data inputs control the output conditions.
When the number of high-level inputs is odd,
ΣODD outputs are kept high and ΣEVEN outputs
are kept low. Conversely, when the number of
high-level outputs is even, ΣEVEN outputs are
kept high and ΣODD outputs are kept low. The IC
generates either odd or even parity making the
application flexible. The word-length capability is
easily expanded by cascading.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
SO14
TSSOP14
Table 1. Device summary
Order code
Temp. range
Package
Packing
Marking
M74HC280RM13TR
-55 °C to 125 °C
S014
Tape and reel
74HC280
M74HC280YRM13TR(1)
1. Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC
Q001 and Q002 or equivalent.
-40 °C to 125 °C
SO14 (automotive grade)
74HC280Y
M74HC280TTR
-55 °C to 125 °C
TSSOP14
HC280
M74HC280YTTR(1)
-40 °C to 125 °C
TSSOP14 (automotive grade)
HC280Y
www.st.com


Similar Part No. - M74HC280

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC280 STMICROELECTRONICS-M74HC280 Datasheet
242Kb / 10P
9 BIT PARITY GENERATOR
Oct-1992
M74HC280 STMICROELECTRONICS-M74HC280 Datasheet
303Kb / 9P
9 BIT PARITY GENERATOR
Jul-2001
M74HC280B1R STMICROELECTRONICS-M74HC280B1R Datasheet
242Kb / 10P
9 BIT PARITY GENERATOR
Oct-1992
M74HC280B1R STMICROELECTRONICS-M74HC280B1R Datasheet
303Kb / 9P
9 BIT PARITY GENERATOR
Jul-2001
M74HC280C1R STMICROELECTRONICS-M74HC280C1R Datasheet
242Kb / 10P
9 BIT PARITY GENERATOR
Oct-1992
More results

Similar Description - M74HC280

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC280 NSC-54AC280 Datasheet
183Kb / 6P
9-Bit Parity Generator/Checker
54F280DM NSC-54F280DM Datasheet
152Kb / 8P
9-Bit Parity Generator/Checker
logo
STMicroelectronics
74AC280 STMICROELECTRONICS-74AC280 Datasheet
64Kb / 8P
9 BIT PARITY GENERATOR
Dec-1998
M54HC280 STMICROELECTRONICS-M54HC280 Datasheet
242Kb / 10P
9 BIT PARITY GENERATOR
Oct-1992
logo
Fairchild Semiconductor
74AC280 FAIRCHILD-74AC280 Datasheet
65Kb / 6P
9-Bit Parity Generator/Checker
DM74S280 FAIRCHILD-DM74S280 Datasheet
62Kb / 5P
9-Bit Parity Generator/Checker
logo
STMicroelectronics
74LVQ280 STMICROELECTRONICS-74LVQ280 Datasheet
229Kb / 8P
9 BIT PARITY GENERATOR
Jul-2001
74LVQ280 STMICROELECTRONICS-74LVQ280_04 Datasheet
276Kb / 11P
9 BIT PARITY GENERATOR
29-Jul-2004
M74HC280 STMICROELECTRONICS-M74HC280 Datasheet
303Kb / 9P
9 BIT PARITY GENERATOR
Jul-2001
logo
Fairchild Semiconductor
74F280SCX FAIRCHILD-74F280SCX Datasheet
77Kb / 6P
9-Bit Parity Generator/Checker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com