Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS2H100RL Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS2H100RL
Description  100 V, 2 A power Schottky rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2H100RL Datasheet(HTML) 1 Page - STMicroelectronics

  STPS2H100RL_V01 Datasheet HTML 1Page - STMicroelectronics STPS2H100RL_V01 Datasheet HTML 2Page - STMicroelectronics STPS2H100RL_V01 Datasheet HTML 3Page - STMicroelectronics STPS2H100RL_V01 Datasheet HTML 4Page - STMicroelectronics STPS2H100RL_V01 Datasheet HTML 5Page - STMicroelectronics STPS2H100RL_V01 Datasheet HTML 6Page - STMicroelectronics STPS2H100RL_V01 Datasheet HTML 7Page - STMicroelectronics STPS2H100RL_V01 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
K
A
DO-41
Features
•
Negligible switching losses
•
High junction temperature capability
•
Low leakage current
•
Good trade-off between leakage current and forward voltage drop
•
Avalanche capability specified
•
ECOPACK2 compliant
Applications
•
Switching diode
•
LED lighting
•
DC/DC converter
Description
The STPS2H100RL is an axial power Schottky rectifier ideal for switch mode power
supply and high frequency DC/DC converters.
Packaged in DO-41, this device is optimized for use in low voltage, high frequency
inverters and small battery chargers.
Product status link
STPS2H100RL
Product summary
Symbol
Value
IF(AV)
2 A
VRRM
100 V
Tj (max.)
175 °C
VF (max.)
0.70 V
100 V, 2 A power Schottky rectifier
STPS2H100RL
Datasheet
DS2999 - Rev 6 - April 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPS2H100RL_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS2H100RL STMICROELECTRONICS-STPS2H100RL Datasheet
44Kb / 4P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
July 2003 - Ed: 2A
More results

Similar Description - STPS2H100RL_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS30M100S STMICROELECTRONICS-STPS30M100S Datasheet
140Kb / 10P
100 V, 30 A power Schottky rectifier
28-Jan-2011
STPS5H100UFN STMICROELECTRONICS-STPS5H100UFN Datasheet
171Kb / 8P
5 A - 100 V power Schottky rectifier
Rev 1 - January 2020
STPS2H100 STMICROELECTRONICS-STPS2H100_V01 Datasheet
410Kb / 19P
100 V, 2 A power Schottky rectifier
October 2019
STPS1H100 STMICROELECTRONICS-STPS1H100_V01 Datasheet
428Kb / 15P
100 V, 1 A power Schottky rectifier
October 2019
STPS240H100TV1Y STMICROELECTRONICS-STPS240H100TV1Y Datasheet
180Kb / 8P
Automotive 100 V, 2 x 120 A, power Schottky rectifier
12-Jun-2020
STPS20M100S STMICROELECTRONICS-STPS20M100S_V01 Datasheet
369Kb / 15P
100 V, 20 A power Schottky rectifier
Rev 5 - February 2019
STPST2H100-Y STMICROELECTRONICS-STPST2H100-Y Datasheet
449Kb / 12P
Automotive 100 V - 2 A power Schottky trench rectifier
16-Dec-2022
STPST2H100 STMICROELECTRONICS-STPST2H100 Datasheet
509Kb / 14P
100 V - 2 A power Schottky trench rectifier
16-Dec-2022
logo
Nexperia B.V. All right...
PMEG100T20ELXD-Q NEXPERIA-PMEG100T20ELXD-Q Datasheet
254Kb / 13P
100 V, 2 A Trench Schottky barrier rectifier
1 April 2022
PMEG100T20ELXD NEXPERIA-PMEG100T20ELXD Datasheet
255Kb / 13P
100 V, 2 A Trench Schottky barrier rectifier
1 April 2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com