Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2998MA/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Part # LP2998MA/NOPB
Description  LP2998/LP2998-Q1 DDR Termination Regulator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP2998MA/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LP2998MA/NOPB Datasheet HTML 12Page - Texas Instruments LP2998MA/NOPB Datasheet HTML 13Page - Texas Instruments LP2998MA/NOPB Datasheet HTML 14Page - Texas Instruments LP2998MA/NOPB Datasheet HTML 15Page - Texas Instruments LP2998MA/NOPB Datasheet HTML 16Page - Texas Instruments LP2998MA/NOPB Datasheet HTML 17Page - Texas Instruments LP2998MA/NOPB Datasheet HTML 18Page - Texas Instruments LP2998MA/NOPB Datasheet HTML 19Page - Texas Instruments LP2998MA/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
VTT
LP2998
PVIN
VDDQ
VREF
AVIN
VREF = 0.9V
VSENSE
GND
+
+
+
VDDQ = 1.8V
AVIN = 3.3V or 5.5V
VTT = 0.9V
SD
SD
PVIN = 3.3V
CIN
COUT
CREF
VTT
LP2998
PVIN
VDDQ
VREF
AVIN
VSENSE
GND
+
+
+
SD
SD
0.01 2F
AVIN = 2.5V
VDDQ = 1.8V
VTT = 0.9V
VREF = 0.9V
220 2F
47 2F
LP2998, LP2998-Q1
SNVS521K – DECEMBER 2007 – REVISED AUGUST 2014
www.ti.com
Typical Application (continued)
9.2.2 DDR-II Applications
With the separate VDDQ pin and an internal resistor divider it is possible to use the LP2998 in applications
utilizing DDR-II memory. Figure 21 and Figure 22 show several implementations of recommended circuits with
output curves displayed in the Typical Characteristics. Figure 21 shows the recommended circuit configuration
for DDR-II applications. The output stage is connected to the 1.8 V rail and the AVIN pin can be connected to
either a 3.3 V or 5 V rail.
Figure 21. Recommended DDR-II Termination
If it is not desirable to use the 1.8 V rail it is possible to connect the output stage to a 3.3 V rail. Care should be
taken to not exceed the maximum junction temperature as the thermal dissipation increases with lower VTT
output voltages. For this reason it is not recommended to power PVIN off a rail higher than the nominal 3.3 V.
The advantage of this configuration is that it has the ability to source and sink a higher maximum continuous
current.
Figure 22. DDR-II Termination with Higher Voltage Rails
9.2.3 SSTL-2 Applications
For the majority of applications that implement the SSTL-2 termination scheme it is recommended to connect all
the input rails to the 2.5 V rail. This provides an optimal trade-off between power dissipation and component
count and selection. An example of this circuit can be seen in Figure 23.
16
Submit Documentation Feedback
Copyright © 2007–2014, Texas Instruments Incorporated
Product Folder Links: LP2998 LP2998-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com