Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2998MA/NOPB Datasheet(PDF) 19 Page - Texas Instruments

Part # LP2998MA/NOPB
Description  LP2998/LP2998-Q1 DDR Termination Regulator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP2998MA/NOPB Datasheet(HTML) 19 Page - Texas Instruments

Back Button LP2998MA/NOPB Datasheet HTML 15Page - Texas Instruments LP2998MA/NOPB Datasheet HTML 16Page - Texas Instruments LP2998MA/NOPB Datasheet HTML 17Page - Texas Instruments LP2998MA/NOPB Datasheet HTML 18Page - Texas Instruments LP2998MA/NOPB Datasheet HTML 19Page - Texas Instruments LP2998MA/NOPB Datasheet HTML 20Page - Texas Instruments LP2998MA/NOPB Datasheet HTML 21Page - Texas Instruments LP2998MA/NOPB Datasheet HTML 22Page - Texas Instruments LP2998MA/NOPB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
VTT
LP2998
PVIN
VDDQ
VREF
AVIN
VREF = 0.75V
VSENSE
GND
+
+
+
VDDQ = 1.5V
VDD = 2.5V
VTT = 0.75V
SD
SD
CIN
COUT
CREF
VTT
LP2998
PVIN
VDDQ
VREF
AVIN
VREF = 1.25V
VSENSE
GND
47 2F
+
+
+
VDDQ = 2.5V
VDD = 2.5V
VTT = 1.25V
330 2F
SD
SD
+
330 2F
0.01 2F
LP2998, LP2998-Q1
www.ti.com
SNVS521K – DECEMBER 2007 – REVISED AUGUST 2014
Typical Application (continued)
This circuit permits termination in a minimum amount of board space and component count. Capacitor selection
can be varied depending on the number of lines terminated and the maximum load transient. However, with
motherboards and other applications where VTT is distributed across a long plane it is advisable to use multiple
bulk capacitors and addition to high frequency decoupling. Figure 29 shown below depicts an example circuit
where 2 bulk output capacitors could be situated at both ends of the VTT plane for optimal placement. Large
aluminum electrolytic capacitors are used for their low ESR and low cost.
Figure 29. Typical SSTL-2 Application Circuit for Motherboards
In most PC applications an extensive amount of decoupling is required because of the long interconnects
encountered with the DDR-SDRAM DIMMs mounted on modules. As a result bulk aluminum electrolytic
capacitors in the range of 1000 µF are typically used.
9.2.5 HSTL Applications
The LP2998 can be easily adapted for HSTL applications by connecting VDDQ to the 1.5 V rail. This will produce
a VTT and VREF voltage of approximately 0.75 V for the termination resistors. AVIN and PVIN should be
connected to a 2.5 V rail for optimal performance.
Figure 30. HSTL Application
9.2.6 QDR Applications
Quad data rate (QDR) applications utilize multiple channels for improved memory performance. However, this
increase in bus lines has the effect of increasing the current levels required for termination. The recommended
approach in terminating multiple channels is to use a dedicated LP2998 for each channel. This simplifies layout
and reduces the internal power dissipation for each regulator. Separate VREF signals can be used for each DIMM
bank from the corresponding regulator with the chipset reference provided by a local resistor divider or one of the
LP2998 signals. Because VREF and VTT are expected to track and the part to part variations are minor, there
should be little difference between the reference signals of each LP2998.
Copyright © 2007–2014, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LP2998 LP2998-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com