Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2998MA/NOPB Datasheet(PDF) 17 Page - Texas Instruments

Part # LP2998MA/NOPB
Description  LP2998/LP2998-Q1 DDR Termination Regulator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP2998MA/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button LP2998MA/NOPB Datasheet HTML 13Page - Texas Instruments LP2998MA/NOPB Datasheet HTML 14Page - Texas Instruments LP2998MA/NOPB Datasheet HTML 15Page - Texas Instruments LP2998MA/NOPB Datasheet HTML 16Page - Texas Instruments LP2998MA/NOPB Datasheet HTML 17Page - Texas Instruments LP2998MA/NOPB Datasheet HTML 18Page - Texas Instruments LP2998MA/NOPB Datasheet HTML 19Page - Texas Instruments LP2998MA/NOPB Datasheet HTML 20Page - Texas Instruments LP2998MA/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
VTT
LP2998
PVIN
VDDQ
VREF
AVIN
VREF = 1.25V
VSENSE
GND
+
+
+
VDDQ = 2.5V
AVIN = 3.3V or 5V
VTT = 1.25V
SD
SD
PVIN = 3.3V
CIN
COUT
CREF
VTT
LP2998
PVIN
VDDQ
VREF
AVIN
VREF = 1.25V
VSENSE
GND
+
+
+
VDDQ = 2.5V
AVIN = 2.2V to 5.5V
VTT = 1.25V
SD
SD
PVIN = 1.8V
CIN
COUT
CREF
VTT
LP2998
PVIN
VDDQ
VREF
AVIN
VREF = 1.25V
VSENSE
GND
+
+
+
VDDQ = 2.5V
VDD = 2.5V
VTT = 1.25V
SD
SD
CIN
COUT
CREF
LP2998, LP2998-Q1
www.ti.com
SNVS521K – DECEMBER 2007 – REVISED AUGUST 2014
Typical Application (continued)
Figure 23. Recommended SSTL-2 Implementation
If power dissipation or efficiency is a major concern then the LP2998 has the ability to operate on split power
rails. The output stage (PVIN) can be operated on a lower rail such as 1.8 V and the analog circuitry (AVIN) can
be connected to a higher rail such as 2.5 V, 3.3 V, or 5 V. This allows the internal power dissipation to be
lowered when sourcing current from VTT. The disadvantage of this circuit is that the maximum continuous current
is reduced because of the lower rail voltage, although it is adequate for all motherboard SSTL-2 applications.
Increasing the output capacitance can also help if periods of large load transients will be encountered.
Figure 24. Lower Power Dissipation SSTL-2 Implementation
The third option for SSTL-2 applications in the situation that a 1.8 V rail is not available and it is not desirable to
use 2.5 V, is to connect the LP2998 power rail to 3.3 V. In this situation AVIN will be limited to operation on the
3.3 V or 5 V rail as PVIN can never exceed AVIN. This configuration has the ability to provide the maximum
continuous output current at the downside of higher thermal dissipation. Care should be taken to prevent the
LP2998 from experiencing large current levels which cause the junction temperature to exceed the maximum.
Because of this risk it is not recommended to supply the output stage with a voltage higher than a nominal 3.3 V
rail.
Figure 25. SSTL-2 Implementation with Higher Voltage Rails
Copyright © 2007–2014, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LP2998 LP2998-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com