Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP38690 Datasheet(PDF) 3 Page - Texas Instruments

Part # LP38690
Description  LP38690, LP38692 1-A Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP38690 Datasheet(HTML) 3 Page - Texas Instruments

  LP38690 Datasheet HTML 1Page - Texas Instruments LP38690 Datasheet HTML 2Page - Texas Instruments LP38690 Datasheet HTML 3Page - Texas Instruments LP38690 Datasheet HTML 4Page - Texas Instruments LP38690 Datasheet HTML 5Page - Texas Instruments LP38690 Datasheet HTML 6Page - Texas Instruments LP38690 Datasheet HTML 7Page - Texas Instruments LP38690 Datasheet HTML 8Page - Texas Instruments LP38690 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
IN
2
3
4
5
6
1
GND
EN
OUT
SNS
IN
Exposed Pad
on Bottom
(DAP)
N/C
OUT
GND
EN
IN
1
2
4
3
5
IN
2
3
4
5
6
1
GND
N/C
OUT
SNS
IN
Exposed Pad
on Bottom
(DAP)
3
LP38690, LP38692
www.ti.com
SNVS322M – DECEMBER 2004 – REVISED DECEMBER 2015
Product Folder Links: LP38690 LP38692
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
5 Pin Configuration and Functions
LP38690 TO-252 (NDP)
3 Pins
Top View
LP38690 WSON (NGG)
6 Pins
Top View
LP38690/92 SOT-223 (NDC)
5 Pins
Top View
LP38692 WSON (NGG)
6 Pins
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
LP38690
LP38692
TO-252
WSON
SOT-223
WSON
EN
—
—
1
3
I
The Enable (EN) pin allows the part to be turned ON and OFF by pulling this
pin HIGH or LOW.
GND
TAB
2
5
2
—
Circuit ground for the regulator. For the TO-252 and SOT-223 packages this
is thermally connected to the die and functions as a heat sink when soldered
down to a large copper plane.
IN
3
1, 6
4
1, 6
I
This is the input supply voltage to the regulator. For WSON devices, both IN
pins must be tied together for full current operation (500 mA maximum per
pin).
OUT
1
4
3
4
O
Regulated output voltage.
SNS
—
5
—
5
I
WSON only - Output sense pin allows remote sensing at the load which
eliminates the error in output voltage due to voltage drops caused by the
resistance in the traces between the regulator and the load. This pin must
be tied to VOUT.
DAP
—
X
—
X
—
WSON only - The DAP (Exposed Pad) functions as a thermal connection
when soldered to a copper plane. See WSON Mounting section in Layout for
more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com