Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP38690 Datasheet(PDF) 12 Page - Texas Instruments

Part # LP38690
Description  LP38690, LP38692 1-A Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP38690 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP38690 Datasheet HTML 8Page - Texas Instruments LP38690 Datasheet HTML 9Page - Texas Instruments LP38690 Datasheet HTML 10Page - Texas Instruments LP38690 Datasheet HTML 11Page - Texas Instruments LP38690 Datasheet HTML 12Page - Texas Instruments LP38690 Datasheet HTML 13Page - Texas Instruments LP38690 Datasheet HTML 14Page - Texas Instruments LP38690 Datasheet HTML 15Page - Texas Instruments LP38690 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
ENABLE
LOGIC
-
+
MOSFET
DRIVER
FOLDBACK
CURRENT
LIMITING
1.25V
REFERENCE
THERMAL
SHUTDOWN
IN
OUT
GND
P-FET
P-FET
EN
R
1
R
2
SNS
ENABLE
LOGIC
-
+
MOSFET
DRIVER
FOLDBACK
CURRENT
LIMITING
1.25V
REFERENCE
THERMAL
SHUTDOWN
IN
OUT
GND
P-FET
P-FET
EN
R1
R2
12
LP38690, LP38692
SNVS322M – DECEMBER 2004 – REVISED DECEMBER 2015
www.ti.com
Product Folder Links: LP38690 LP38692
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Functional Block Diagrams (continued)
Figure 28. LP38692 Functional Diagram (SOT-223)
Figure 29. LP38692 Functional Diagram (WSON)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com