Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP38690 Datasheet(PDF) 13 Page - Texas Instruments

Part # LP38690
Description  LP38690, LP38692 1-A Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP38690 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP38690 Datasheet HTML 9Page - Texas Instruments LP38690 Datasheet HTML 10Page - Texas Instruments LP38690 Datasheet HTML 11Page - Texas Instruments LP38690 Datasheet HTML 12Page - Texas Instruments LP38690 Datasheet HTML 13Page - Texas Instruments LP38690 Datasheet HTML 14Page - Texas Instruments LP38690 Datasheet HTML 15Page - Texas Instruments LP38690 Datasheet HTML 16Page - Texas Instruments LP38690 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
13
LP38690, LP38692
www.ti.com
SNVS322M – DECEMBER 2004 – REVISED DECEMBER 2015
Product Folder Links: LP38690 LP38692
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 Enable (EN)
The LP38692 has an Enable pin (EN) which allows an external control signal to turn the regulator output On and
Off. The Enable On/Off threshold has no hysteresis. The voltage signal must rise and fall cleanly, and promptly,
through the ON and OFF voltage thresholds. The EN pin voltage must be higher than the VEN(MIN) threshold to
ensure that the device is fully enabled under all operating conditions. The EN pin voltage must be lower than the
VEN(MAX) threshold to ensure that the device is fully disabled. The Enable pin has no internal pull-up or pull-down
to establish a default condition and, as a result, this pin must be terminated either actively or passively. If the
Enable pin is driven from a source that actively pulls high and low, the drive voltage should not be allowed to go
below ground potential or higher than VIN. If the application does not require the Enable function, the pin should
be connected directly to the IN pin.
7.3.2 Thermal Shutdown Protection (TSD)
Thermal shutdown disables the output when the junction temperature rises to approximately 160°C which allows
the device to cool. When the junction temperature cools to approximately 150°C, the output circuitry enables.
Based on power dissipation, thermal resistance, and ambient temperature, the thermal protection circuit may
cycle on and off. This thermal cycling limits the dissipation of the regulator and protects it from damage as a
result of overheating.
The TSD circuitry of the LP38692 has been designed to protect against temporary thermal overload conditions.
The TSD circuitry was not intended to replace proper heat-sinking. Continuously running the LP38692 device into
thermal shutdown degrades device reliability.
7.3.3 Foldback Current Limiting
Foldback current limiting is built into the LP38690 and LP38692 which reduces the amount of output current the
part can deliver as the output voltage is reduced. The amount of load current is dependent on the differential
voltage between VIN and VOUT. Typically, when this differential voltage exceeds 5 V, the load current limits at
about 450 mA. When the VIN – VOUT differential is reduced below 4 V, load current is limited to about 1500 mA.
CAUTION
When toggling the LP38692 Enable (EN) after the input voltage (VIN) is applied, the
foldback current limit circuitry is functional the first time that the EN pin is taken high.
The foldback current limit circuitry is non-functional the second, and subsequent, times
that the EN pin is taken high. Depending on the input and output capacitance values
the input inrush current may be higher than expected which can cause the input
voltage to droop.
If the EN pin is connected to the IN pin, the foldback current limit circuitry is functional
when VIN is applied if VIN starts from less than 0.4 V.
7.4 Device Functional Modes
7.4.1 Enable (EN)
The EN pin voltage must be higher than the VEN(MIN) threshold to ensure that the device is fully enabled under all
operating conditions.
7.4.2 Minimum Operating Input Voltage (VIN)
The LP38690 and LP38692 devices do not include any dedicated UVLO circuitry. The LP38690 and LP38692
internal circuitry is not fully functional until VIN is at least 2.7 V. The output voltage is not regulated until VIN ≥
(VOUT + VDO), or 2.7 V, whichever is higher.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com