Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8556 Datasheet(PDF) 39 Page - Texas Instruments

Part # LP8556
Description  LP8556 High-Efficiency LED Backlight Driver For Tablets
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8556 Datasheet(HTML) 39 Page - Texas Instruments

Back Button LP8556 Datasheet HTML 35Page - Texas Instruments LP8556 Datasheet HTML 36Page - Texas Instruments LP8556 Datasheet HTML 37Page - Texas Instruments LP8556 Datasheet HTML 38Page - Texas Instruments LP8556 Datasheet HTML 39Page - Texas Instruments LP8556 Datasheet HTML 40Page - Texas Instruments LP8556 Datasheet HTML 41Page - Texas Instruments LP8556 Datasheet HTML 42Page - Texas Instruments LP8556 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 67 page
background image
39
LP8556
www.ti.com
SNVS871M – JULY 2012 – REVISED JUNE 2020
Product Folder Links: LP8556
Submit Documentation Feedback
Copyright © 2012–2020, Texas Instruments Incorporated
8.6.2.7 CFG1
Address A1h
CFG1 REGISTER
7
6
5
4
3
2
1
0
PDET_STDBY
CURRENT_MAX[2:0]
CURRENT MSB[11:8]
NAME
BIT
ACCESS
DESCRIPTION
PDET_STDBY
7
R/W
Enable Standby when PWM input is constant low (approx. 50 ms timeout).
CURRENT_MAX
6:4
R/W
Set Maximum LED current as shown below. This maximum current is scaled as
described in the CFG0 Register.
000 = 5 mA
001 = 10 mA
010 = 15 mA
011 = 20 mA
100 = 23 mA
101 = 25 mA
110 = 30 mA
111 = 50 mA
CURRENT MSB
3:0
R/W
These bits form the 4 MSB bits for LED Current as described in CFG0 Register.
8.6.2.8 CFG2
Address A2h
CFG2 REGISTER
7
6
5
4
3
2
1
0
RESERVED
UVLO_EN
UVLO_TH
BL_ON
ISET_EN
BOOST_
_FSET_EN
PWM_
_FSET_EN
NAME
BIT
ACCESS
DESCRIPTION
RESERVED
7:6
R/W
UVLO_EN
5
R/W
Undervoltage lockout protection enable.
UVLO_TH
4
R/W
UVLO threshold levels:
0 = 2.5 V
1 = 5.2 V
BL_ON
3
R/W
Enable backlight. This bit must be set for PWM only control.
0 = Backlight disabled. This selection is recommended for systems with an I2C
master. With an I2C master, the backlight can be controlled by writing to the
register 01h.
1 = Backlight enabled. This selection is recommended for systems with PWM
only control.
ISET_EN
2
R/W
Enable LED current set resistor.
0 = Resistor is disabled and current is set with CURRENT and CURRENT_MAX
EPROM register bits.
1 = Resistor is enabled and current is set with the RISET resistor AND
CURRENT AND CURRENT_MAX EPROM register bits.
BOOST_FSET_EN
1
R/W
Enable configuration of the switching frequency via FSET pin.
0 = Configuration of the switching frequency via FSET pin is is disabled. The
switching frequency is set with BOOST_FREQ EPROM register bits.
1 = Configuration of the switching frequency via FSET pin is is enabled.
PWM_FSET_EN
0
R/W
Enable configuration of the PWM dimming frequency via FSET pin.
0 = Configuration of the switching frequency via FSET pin is is disabled. The
switching frequency is set with PWM_FREQ EPROM register bits.
1 = Configuration of the PWM dimming frequency via FSET pin is is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com