Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8556 Datasheet(PDF) 42 Page - Texas Instruments

Part # LP8556
Description  LP8556 High-Efficiency LED Backlight Driver For Tablets
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8556 Datasheet(HTML) 42 Page - Texas Instruments

Back Button LP8556 Datasheet HTML 38Page - Texas Instruments LP8556 Datasheet HTML 39Page - Texas Instruments LP8556 Datasheet HTML 40Page - Texas Instruments LP8556 Datasheet HTML 41Page - Texas Instruments LP8556 Datasheet HTML 42Page - Texas Instruments LP8556 Datasheet HTML 43Page - Texas Instruments LP8556 Datasheet HTML 44Page - Texas Instruments LP8556 Datasheet HTML 45Page - Texas Instruments LP8556 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 67 page
background image
42
LP8556
SNVS871M – JULY 2012 – REVISED JUNE 2020
www.ti.com
Product Folder Links: LP8556
Submit Documentation Feedback
Copyright © 2012–2020, Texas Instruments Incorporated
8.6.2.12 CFG6
Address A6h
CFG6 REGISTER
7
6
5
4
3
2
1
0
BOOST_FREQ[1:0]
VBOOST[5:0]
NAME
BIT
ACCESS
DESCRIPTION
BOOST_FREQ
7:6
R/W
Set boost switching frequency when BOOST_FSET_EN = 0.
00 = 312 kHz
01 = 625 kHz
10 = 1250 kHz
11 = undefined
VBOOST
5:0
R/W
Boost output voltage. When ADAPTIVE = 1, this is the boost minimum and
initial voltage.
8.6.2.13 CFG7
Address A7h
CFG7 REGISTER
7
6
5
4
3
2
1
0
RESERVED
EN_DRV3
EN_DRV2
RESERVED
IBOOST_LIM[1:0]
NAME
BIT
ACCESS
DESCRIPTION
RESERVED
7:6
EN_DRV3
5
R/W
Selects boost driver strength to set boost slew rate. See EMI Reduction for
more detail.
0 = Driver3 disabled
1 = Driver3 enabled
EN_DRV2
4
R/W
Selects boost driver strength to set boost slew rate. See EMI Reduction for
more detail.
0 = Driver2 disabled
1 = Driver2 enabled
RESERVED
3:2
R/W
IBOOST_LIM
1:0
R/W
Select boost inductor current limit
(IBOOST_LIM_2X = 0 / IBOOST_LIM_2X = 1)
00 = 0.9 A / 1.6 A
01 = 1.2 A / 2.1 A
10 = 1.5 A / 2.6 A
11 = 1.8 A / not permitted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com