Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8556 Datasheet(PDF) 12 Page - Texas Instruments

Part # LP8556
Description  LP8556 High-Efficiency LED Backlight Driver For Tablets
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8556 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP8556 Datasheet HTML 8Page - Texas Instruments LP8556 Datasheet HTML 9Page - Texas Instruments LP8556 Datasheet HTML 10Page - Texas Instruments LP8556 Datasheet HTML 11Page - Texas Instruments LP8556 Datasheet HTML 12Page - Texas Instruments LP8556 Datasheet HTML 13Page - Texas Instruments LP8556 Datasheet HTML 14Page - Texas Instruments LP8556 Datasheet HTML 15Page - Texas Instruments LP8556 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 67 page
background image
LED Current Sinks
VBOOST
PWM Control
Headroom
Control
LED1
LED2
LED3
LED4
LED5
LED6
Boost Converter
SW
Switching
Frequency
312, 625, 1250
kHz
Oscillator
Thermal
shutdown
Reference
Voltage
LDO
VLDO
VDD
PWM
POR
PWM Detector
Fault Detection
(Open LED,
OCP, OVP)
VIN
SDA
SCL
I
2
C Slave
BRIGHTNESS
CONTROL
EPROM
BOOST_FREQ
BOOST_FREQ
PWM_FREQ
FSET
ISET
VOUT
EN/VDDIO
12
LP8556
SNVS871M – JULY 2012 – REVISED JUNE 2020
www.ti.com
Product Folder Links: LP8556
Submit Documentation Feedback
Copyright © 2012–2020, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
LP8556 is a white LED driver featuring an asynchronous boost converter and six high-precision current sinks that
can be controlled by a PWM signal or an I2C master.
The boost converter uses adaptive output voltage control for setting the optimal LED driver voltages as high as
43 V. This feature minimizes the power consumption by adjusting the voltage to the lowest sufficient level under
all conditions. The converter can operate at three switching frequencies: 312, 625, and 1250 kHz pre-configured
via EPROM or can be set through an external resistor. Programmable slew rate control and spread spectrum
scheme minimize switching noise and improve EMI performance.
LED current sinks can be set with the PWM dimming resolution of up to 15 bits. Proprietary adaptive dimming
mode allows higher system power saving. In addition, phase shifted LED PWM dimming allows reduced audible
noise and smaller boost output capacitors.
The LP8556 device has a full set of safety features that ensure robust operation of the device and external
components. The set consists of input undervoltage lockout, thermal shutdown, overcurrent protection, up to six
levels of overvoltage protection, LED open, and short detection.
8.2 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com