Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-RX Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # MF-RX
Description  MF-RX/72 Series - PTC Resettable Fuses
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-RX Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  MF-RX Datasheet HTML 1Page - Bourns Electronic Solutions MF-RX Datasheet HTML 2Page - Bourns Electronic Solutions MF-RX Datasheet HTML 3Page - Bourns Electronic Solutions MF-RX Datasheet HTML 4Page - Bourns Electronic Solutions MF-RX Datasheet HTML 5Page - Bourns Electronic Solutions MF-RX Datasheet HTML 6Page - Bourns Electronic Solutions MF-RX Datasheet HTML 7Page - Bourns Electronic Solutions MF-RX Datasheet HTML 8Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MF-RX/72 Series - PTC Resettable Fuses
Thermal Derating Table - Ihold (Amps)
Model
Ambient Operating Temperature
-40 °C
-20 °C
0 °C
23 °C
40 °C
50 °C
60 °C
70 °C
85 °C
MF-RX020/72
0.31
0.27
0.24
0.20
0.16
0.14
0.13
0.11
0.08
MF-RX025/72
0.39
0.34
0.30
0.25
0.20
0.18
0.16
0.14
0.10
MF-RX030/72
0.47
0.41
0.36
0.30
0.24
0.22
0.19
0.16
0.12
MF-RX040/72
0.62
0.54
0.48
0.40
0.32
0.29
0.25
0.22
0.16
MF-RX050/72
0.78
0.68
0.60
0.50
0.41
0.36
0.32
0.27
0.20
MF-RX065/72
1.01
0.88
0.77
0.65
0.53
0.47
0.41
0.35
0.26
MF-RX075/72
1.16
1.02
0.89
0.75
0.61
0.54
0.47
0.41
0.30
MF-RX090/72
1.40
1.22
1.07
0.90
0.73
0.65
0.57
0.49
0.36
MF-RX110/72
1.71
1.50
1.31
1.10
0.89
0.79
0.69
0.59
0.44
MF-RX135/72
2.09
1.84
1.61
1.35
1.09
0.97
0.85
0.73
0.54
MF-RX160/72
2.48
2.18
1.90
1.60
1.30
1.15
1.01
0.86
0.64
MF-RX185/72
2.87
2.52
2.20
1.85
1.50
1.33
1.17
1.00
0.74
MF-RX250/72
3.88
3.40
2.98
2.50
2.03
1.80
1.58
1.35
1.00
MF-RX300/72
4.65
4.08
3.57
3.00
2.43
2.16
1.89
1.62
1.20
MF-RX375/72
5.81
5.10
4.46
3.75
3.04
2.70
2.36
2.03
1.50
Itrip is approximately two times Ihold.
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
Packaging Quantity
Packaging options
Models
Unit Quantity
(Pcs.)
Unit
Bulk
All models
500
Bag
Tape & Reel
MF-RX020/72 ~ MF-RX090/72
3000
Reel
MF-RX110/72 ~ MF-RX160/72
1500
MF-RX185/72 ~ MF-RX375/72
1000
Ammo-Pack
MF-RX020/72 ~ MF-RX090/72
2000
Pack
MF-RX110/72 ~ MF-RX160/72
1000
MF-RX185/72 ~ MF-RX375/72
500
How to Order
MF - RX 110/72 - 2 - 14
Multifuse®
Product
Designator
Series
RX = Radial Leaded
Component
Hold Current, Ihold
020-375 (0.20 A - 3.75 A)
Maximum Voltage, Vmax
72 (72 Volts)
Packaging Options
- 0 = Bulk Packaging
- 2 = Tape and Reel*
- AP = Ammo-Pak*
Part Number Suffix Option
- 14 = Kinked Leads in Place of
Standard Straight Leads
- 17 = Straight Leads in Place of
Standard Kinked Leads
*Packaged per EIA-468



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com