Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-RX Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # MF-RX
Description  MF-RX/72 Series - PTC Resettable Fuses
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-RX Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  MF-RX Datasheet HTML 1Page - Bourns Electronic Solutions MF-RX Datasheet HTML 2Page - Bourns Electronic Solutions MF-RX Datasheet HTML 3Page - Bourns Electronic Solutions MF-RX Datasheet HTML 4Page - Bourns Electronic Solutions MF-RX Datasheet HTML 5Page - Bourns Electronic Solutions MF-RX Datasheet HTML 6Page - Bourns Electronic Solutions MF-RX Datasheet HTML 7Page - Bourns Electronic Solutions MF-RX Datasheet HTML 8Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MF-RX/72 Series - PTC Resettable Fuses
Product Dimensions
Model
A
B
C
D
E
Physical Characteristics
Max.
Max.
Nom.
Tol. ±
Min.
Max.
Style
Lead Dia.
Material
MF-RX020/72
7.4
(0.291)
12.7
(0.5)
5.1
(0.201)
0.7
(0.028)
7.6
(0.30)
3.1
(0.122)
1
0.51
(0.020)
Sn/CuFe
MF-RX025/72
7.4
(0.291)
12.7
(0.5)
5.1
(0.201)
0.7
(0.028)
7.6
(0.30)
3.1
(0.122)
1
0.51
(0.020)
Sn/CuFe
MF-RX030/72
7.4
(0.291)
13.4
(0.528)
5.1
(0.201)
0.7
(0.028)
7.6
(0.30)
3.1
(0.122)
1
0.51
(0.020)
Sn/CuFe
MF-RX040/72
7.4
(0.291)
13.7
(0.539)
5.1
(0.201)
0.7
(0.028)
7.6
(0.30)
3.1
(0.122)
1
0.51
(0.020)
Sn/CuFe
MF-RX050/72
7.9
(0.311
13.7
(0.539)
5.1
(0.201)
0.7
(0.028)
7.6
(0.30)
3.1
(0.122)
1
0.51
(0.020)
Sn/Cu
MF-RX065/72
9.7
(0.382)
15.2
(0.598)
5.1
(0.201)
0.7
(0.028)
7.6
(0.30)
3.1
(0.122)
1
0.51
(0.020)
Sn/Cu
MF-RX075/72
10.4
(0.409)
16.0
(0.630)
5.1
(0.201)
0.7
(0.028)
7.6
(0.30)
3.1
(0.122)
1
0.51
(0.020)
Sn/Cu
MF-RX090/72
11.7
(0.461)
16.70
(0.657)
5.1
(0.201)
0.7
(0.028)
7.6
(0.30)
3.1
(0.122)
1
0.51
(0.020)
Sn/Cu
MF-RX110/72
10.84
(0.427)
16.84
(0.663)
5.1
(0.201)
0.7
(0.028)
7.6
(0.30)
3.1
(0.122)
2
0.81
(0.032)
Sn/Cu
MF-RX135/72
12.26
(0.483)
18.26
(0.719)
5.1
(0.201)
0.7
(0.028)
7.6
(0.30)
3.1
(0.122)
2
0.81
(0.032)
Sn/Cu
MF-RX160/72
13.94
(0.549)
19.94
(0.785)
5.1
(0.201)
0.7
(0.028)
7.6
(0.30)
3.1
(0.122)
2
0.81
(0.032)
Sn/Cu
MF-RX185/72
15.18
(0.598)
21.18
(0.834)
5.1
(0.201)
0.7
(0.028)
7.6
(0.30)
3.1
(0.122)
2
0.81
(0.032)
Sn/Cu
MF-RX250/72
17.84
(0.702)
23.84
(0.939)
10.2
(0.402)
0.7
(0.028)
7.6
(0.30)
3.1
(0.122)
2
0.81
(0.032)
Sn/Cu
MF-RX300/72
20.67
(0.814)
26.67
(1.050)
10.2
(0.402)
0.7
(0.028)
7.6
(0.30)
3.1
(0.122)
2
0.81
(0.032)
Sn/Cu
MF-RX375/72
23.51
(0.926)
29.51
(1.162)
10.2
(0.402)
0.7
(0.028)
7.6
(0.30)
3.1
(0.122)
2
0.81
(0.032)
Sn/Cu
A
E
B
D
C
Style 1
A
E
B
D
C
Style 2
NOTE: Straight
lead option (-17) is
also available, e.g.
MF-RX075/72-2-17.
(Refer to “How to
Order” section.)
DIMENSIONS:
MM
(INCHES)
Typical Part Marking
Represents total content. Layout may vary.
RX250
2180S
RX025
2A
MANUFACTURER'S
TRADEMARK
MANUFACTURER'S
TRADEMARK
PART
IDENTIFICATION
MANUFACTURING
LOCATION:
S = CHINA
PART
IDENTIFICATION
DATE CODE:
FIRST DIGIT =
LAST DIGIT
OF YEAR;
NEXT THREE DIGITS = DAY OF YEAR
DATE CODE:
WEEK 1 OF 2022 = 2A (YEAR & WEEK)
WEEK 27 OF 2022 = A2 (WEEK & YEAR)
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of
this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
RX250
2180S
RX025
2A
MANUFACTURER'S
TRADEMARK
MANUFACTURER'S
TRADEMARK
PART
IDENTIFICATION
MANUFACTURING
LOCATION:
S = CHINA
PART
IDENTIFICATION
DATE CODE:
FIRST DIGIT =
LAST DIGIT
OF YEAR;
NEXT THREE DIGITS = DAY OF YEAR
DATE CODE:
WEEK 1 OF 2022 = 2A (YEAR & WEEK)
WEEK 27 OF 2022 = A2 (WEEK & YEAR)
MF-RX020/72~MF-RX025/72
MF-RX030/72~MF-RX375/72
NOTE: Kinked
lead option (-14) is
also available, e.g.
MF-RX250/72-2-14.
(Refer to “How to
Order” section.)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com