Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-RX Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # MF-RX
Description  MF-RX/72 Series - PTC Resettable Fuses
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-RX Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  MF-RX Datasheet HTML 1Page - Bourns Electronic Solutions MF-RX Datasheet HTML 2Page - Bourns Electronic Solutions MF-RX Datasheet HTML 3Page - Bourns Electronic Solutions MF-RX Datasheet HTML 4Page - Bourns Electronic Solutions MF-RX Datasheet HTML 5Page - Bourns Electronic Solutions MF-RX Datasheet HTML 6Page - Bourns Electronic Solutions MF-RX Datasheet HTML 7Page - Bourns Electronic Solutions MF-RX Datasheet HTML 8Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MF-RX/72 Series - PTC Resettable Fuses
RX110
4180S
Features
n
72 V rated
n
Cured, flame retardant epoxy polymer
insulating material meets UL 94 V-0
requirements
n
RoHS compliant* and halogen free**
n
Agency recognition:
Applications
Almost anywhere there is a low voltage
power supply, up to 72 V and a load to be
protected, including:
n
Security and fire alarm systems
n
Loudspeakers
n
Power transformers
Electrical Characteristics
Model
Vmax Imax
Ihold Itrip
Initial
Resistance
1 Hour (R1)
Post-Trip
Resistance
Max. Time
to Trip
Tripped
Power
Dissipation
Agency
Recognition
at 23 °C
at 23 °C
Ohms
at 23 °C
Ohms
at 23 °C
at 23 °C
Watts
cUL
TÜV
Volts Amps
Amps
Min.
Max.
Max.
Amps Seconds
Typ.
E174545 R50366745
MF-RX020/72
72
40
0.20
0.40
1.50
2.84
4.40
1.00
2.2
0.40
3
3
MF-RX025/72
72
40
0.25
0.50
1.00
1.95
3.00
1.25
2.5
0.45
3
3
MF-RX030/72
72
40
0.30
0.60 0.76
1.36
2.10
1.50
3.0
0.50
3
3
MF-RX040/72
72
40
0.40
0.80 0.52
0.86
1.29
2.00
3.9
0.55
3
3
MF-RX050/72
72
40
0.50
1.00
0.41
0.77
1.17
2.50
4.0
0.75
3
3
MF-RX065/72
72
40
0.65
1.30
0.27
0.48
0.72
3.25
5.3
0.90
3
3
MF-RX075/72
72
40
0.75
1.50 0.18
0.40
0.60
3.75
6.3
0.90
3
3
MF-RX090/72
72
40
0.90
1.80 0.14
0.31
0.47
4.50
7.2
1.00
3
3
MF-RX110/72
72
40
1.10
2.20 0.15
0.25
0.38
5.50
8.2
1.50
3
3
MF-RX135/72
72
40
1.35
2.70 0.12
0.19
0.30
6.75
9.6
1.70
3
3
MF-RX160/72
72
40
1.60
3.20 0.09
0.14
0.22
8.00
11.4
1.90
3
3
MF-RX185/72
72
40
1.85
3.70 0.08
0.12
0.19
9.25
12.6
2.10
3
3
MF-RX250/72
72
40
2.50
5.00 0.05
0.08
0.13
12.50
15.6
2.50
3
3
MF-RX300/72
72
40
3.00
6.00 0.04
0.06
0.10
15.00
19.8
2.80
3
3
MF-RX375/72
72
40
3.75
7.50 0.03
0.05
0.08
18.75
24.0
3.20
3
3
* RoHS Directive 2015/863, Mar 31, 2015 and Annex.
** Bourns considers a product to be “halogen free” if (a) the Bromine (Br) content is 900 ppm or less; (b) the Chlorine (Cl)
content is 900 ppm or less; and (c) the total Bromine (Br) and Chlorine (Cl) content is 1500 ppm or less.
Specifications are subject to change without notice. Users should verify actual device performance in their specific
applications. The products described herein and this document are subject to specific legal disclaimers as set forth on the last
page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
WARNING
Cancer and Reproductive Harm
www.P65Warnings.ca.gov
Additional Information
Click these links for more information:
PRODUCT
SELECTOR
TECHNICAL
LIBRARY
INVENTORY SAMPLES
CONTACT
Environmental Characteristics
Item
Condition
Criteria
Operating Temperature
-40 °C to +85 °C
Recommended Storage
+40 °C max. / 70 % R.H. max.
Passive Aging
+85 °C, 1000 hours
±5 % typical resistance
change
Humidity Aging
+85 °C, 85 % R.H. 1000 hours
±5 % typical resistance
change
Thermal Shock
-40 °C to +85 °C, 10 times
±10 % typical resistance
change
Solvent Resistance
MIL-STD-202, Method 215
No change
(marking still legible)
Vibration
MIL-STD-883C, Method 2007.1
Condition A
No change
(Rmin < R < R1max)
Moisture Sensitivity Level
(MSL)
See Note
ESD Classification
Class 6 (per AEC-Q200-2, HBM)
Asia-Pacific:
Tel: +886-2 2562-4117
Email: asiacus@bourns.com
Europe:
Tel: +36 88 885 877
Email: eurocus@bourns.com
Mexico:
Tel: +52 614 478 0400
Email: mexicus@bourns.com
The Americas:
Tel: +1-951 781-5500
Email: americus@bourns.com
www.bourns.com


Similar Part No. - MF-RX

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-RX BOURNS-MF-RX Datasheet
281Kb / 4P
PTC Resettable Fuses
MF-RX BOURNS-MF-RX Datasheet
205Kb / 4P
PTC Resettable Fuses
MF-RX/72-LAB BOURNS-MF-RX/72-LAB Datasheet
794Kb / 3P
Bourns Introduces Eleven New Multifuse® PPTC Resettable Fuse Design Kits
Mar 31, 2015
MF-RX008F-A05-0 BOURNS-MF-RX008F-A05-0 Datasheet
329Kb / 5P
Telecom PTC Resettable Fuses
MF-RX008F-A05-2 BOURNS-MF-RX008F-A05-2 Datasheet
329Kb / 5P
Telecom PTC Resettable Fuses
More results

Similar Description - MF-RX

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-PSMF010X BOURNS-MF-PSMF010X Datasheet
300Kb / 3P
MF-PSMF Series - PTC Resettable Fuses
MF-R110-2 BOURNS-MF-R110-2 Datasheet
210Kb / 6P
MF-R Series - PTC Resettable Fuses
MFMSMF BOURNS-MFMSMF Datasheet
319Kb / 5P
MF-MSMF Series - PTC Resettable Fuses
MF-R110-0-99 BOURNS-MF-R110-0-99 Datasheet
210Kb / 6P
MF-R Series - PTC Resettable Fuses
MF-SM100-2 BOURNS-MF-SM100-2 Datasheet
298Kb / 5P
MF-SM Series - PTC Resettable Fuses
MF-SM200-2 BOURNS-MF-SM200-2 Datasheet
290Kb / 4P
MF-SM Series - PTC Resettable Fuses
MF-SM125-2 BOURNS-MF-SM125-2 Datasheet
287Kb / 4P
MF-SM Series - PTC Resettable Fuses
MF-MSMF200-2 BOURNS-MF-MSMF200-2 Datasheet
356Kb / 5P
MF-MSMF Series - PTC Resettable Fuses
MF-GSMF BOURNS-MF-GSMF Datasheet
312Kb / 6P
MF-GSMF Series – PTC Resettable Fuses
REV. B, 09/19
MF-NSHT BOURNS-MF-NSHT Datasheet
344Kb / 6P
MF-NSHT Series - PTC Resettable Fuses
REV. F 07/20
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com