Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS5L60U Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS5L60U
Description  5 A - 60 V power Schottky rectifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS5L60U Datasheet(HTML) 2 Page - STMicroelectronics

  STPS5L60U Datasheet HTML 1Page - STMicroelectronics STPS5L60U Datasheet HTML 2Page - STMicroelectronics STPS5L60U Datasheet HTML 3Page - STMicroelectronics STPS5L60U Datasheet HTML 4Page - STMicroelectronics STPS5L60U Datasheet HTML 5Page - STMicroelectronics STPS5L60U Datasheet HTML 6Page - STMicroelectronics STPS5L60U Datasheet HTML 7Page - STMicroelectronics STPS5L60U Datasheet HTML 8Page - STMicroelectronics STPS5L60U Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1
Characteristics
Table 1. Absolute ratings (limiting values at 25 °C, unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
60
V
IF(RMS) Forward rms current
15
A
IF(AV)
Average forward current, δ = 0.5,
square wave
SMB
TL = 80 °C
5
A
SMC, DO-201AD, SMB Flat
Notch
TL = 100 °C
IFSM
Surge non repetitive forward current
SMC, DO-201AD, SMB
tp = 10 ms sinusoidal
100
A
SMB Flat Notch
205
PARM
Repetitive peak avalanche power
tp = 10 µs, Tj = 125 °C
144
W
Tstg
Storage temperature range
-65 to +150
°C
Tj
Maximum operating junction temperature(1)
+150
°C
1. (dPtot/dTj) < (1/Rth(j-a)) condition to avoid thermal runaway for a diode on its own heatsink.
Table 2. Thermal resistance parameter
Symbol
Parameter
Max. value
Unit
Rth(j-l)
Junction to lead
DO-201AD lead length = 10 mm
15
°C/W
SMB
20
SMC, SMB Flat Notch
15
Rth(j-a)
Junction to ambient
DO-201AD
75
For more information, please refer to the following application note :
•
AN5088 : Rectifiers thermal management, handling and mounting recommendations
Table 3. Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR(1)
Reverse leakage current
Tj = 25 °C
VR = VRRM
-
0.22
mA
Tj = 100 °C
-
10
25
Tj = 110 °C
-
25
55
Tj = 125 °C
-
40
100
VF(1)
Forward voltage drop
Tj = 25 °C
IF = 5 A
-
0.47
0.52
V
Tj = 100 °C
-
0.43
0.49
Tj = 125 °C
-
0.42
0.48
1. Pulse test: tp = 380 µs, δ < 2%
To evaluate the conduction losses, use the following equation:
P = 0.39 x IF(AV) + 0.028 x IF2(RMS)
STPS5L60
Characteristics
DS2741 - Rev 5
page 2/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com