Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS5L60U Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS5L60U
Description  5 A - 60 V power Schottky rectifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS5L60U Datasheet(HTML) 1 Page - STMicroelectronics

  STPS5L60U Datasheet HTML 1Page - STMicroelectronics STPS5L60U Datasheet HTML 2Page - STMicroelectronics STPS5L60U Datasheet HTML 3Page - STMicroelectronics STPS5L60U Datasheet HTML 4Page - STMicroelectronics STPS5L60U Datasheet HTML 5Page - STMicroelectronics STPS5L60U Datasheet HTML 6Page - STMicroelectronics STPS5L60U Datasheet HTML 7Page - STMicroelectronics STPS5L60U Datasheet HTML 8Page - STMicroelectronics STPS5L60U Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Features
•
Negligible switching losses
•
Low forward voltage drop
•
Low thermal resistance
•
Avalanche rated
•
ECOPACK2 component
Applications
•
Lighting
•
Battery charger
•
Set-top box
•
DC / DC converter
•
Notebook adapter
•
Switching diode
Description
Axial and surface mount power Schottky rectifier suited for switch mode power
supplies and high frequency dc to dc converters.
Packaged in DO-201AD, SMB, SMC and SMB Flat Notch, this device is intended for
use in low voltage, high frequency inverters and small battery chargers and for
applications where there are space constraints, for example telecom battery charger.
Product status
STPS5L60
Product summary
Symbol
Value
IF(AV)
5 A
VRRM
60 V
T j(max.)
150 °C
VF(typ.)
0.42 V
5 A - 60 V power Schottky rectifier
STPS5L60
Datasheet
DS2741 - Rev 5 - January 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPS5L60U

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS5L60 STMICROELECTRONICS-STPS5L60 Datasheet
47Kb / 5P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS5L60 STMICROELECTRONICS-STPS5L60 Datasheet
134Kb / 8P
Power Schottky rectifier
16-May-2008
STPS5L60-Y STMICROELECTRONICS-STPS5L60-Y Datasheet
187Kb / 7P
Automotive power Schottky rectifier
29-Mar-2012
STPS5L60-Y STMICROELECTRONICS-STPS5L60-Y Datasheet
187Kb / 7P
Automotive power Schottky rectifier
29-Mar-2012
STPS5L60RL STMICROELECTRONICS-STPS5L60RL Datasheet
47Kb / 5P
POWER SCHOTTKY RECTIFIER
Jul-2003
More results

Similar Description - STPS5L60U

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG060V050EPD PHILIPS-PMEG060V050EPD_15 Datasheet
229Kb / 15P
60 V, 5 A low VF MEGA Schottky barrier rectifier
22 January 2015
logo
Nexperia B.V. All right...
PMEG060V050EPD NEXPERIA-PMEG060V050EPD Datasheet
714Kb / 15P
60 V, 5 A low VF MEGA Schottky barrier rectifier
logo
STMicroelectronics
STPS5H100UFN STMICROELECTRONICS-STPS5H100UFN Datasheet
171Kb / 8P
5 A - 100 V power Schottky rectifier
Rev 1 - January 2020
STPS660CSFY STMICROELECTRONICS-STPS660CSFY Datasheet
319Kb / 9P
Automotive 60 V, dual 3 A power Schottky rectifier
Rev 1 - October 2020
STPS560SFY STMICROELECTRONICS-STPS560SFY Datasheet
474Kb / 11P
Automotive 60 V, 5 A power Schottky rectifier
February 2019 Rev 1
STPS5L60SF STMICROELECTRONICS-STPS5L60SF Datasheet
323Kb / 9P
60 V power Schottky rectifier
July 2018 Rev 1
STPS10H60SF STMICROELECTRONICS-STPS10H60SF Datasheet
326Kb / 10P
60 V power Schottky rectifier
07-Nov-2018
STPS10M60SF STMICROELECTRONICS-STPS10M60SF Datasheet
324Kb / 9P
60 V power Schottky rectifier
DS12677 - Rev 1 - July 2018
logo
Nexperia B.V. All right...
PMEG060V050EPE-Q NEXPERIA-PMEG060V050EPE-Q Datasheet
257Kb / 11P
60 V, 5 A low VF Schottky barrier rectifier
19 July 2022
PMEG060V050EPE NEXPERIA-PMEG060V050EPE Datasheet
257Kb / 11P
60 V, 5 A low VF Schottky barrier rectifier
19 July 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com