Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS5L60U Datasheet (PDF) - STMicroelectronics

STPS5L60U Datasheet PDF - STMicroelectronics
Part # STPS5L60U
Download  STPS5L60U Download
File Size   479.41 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5 A - 60 V power Schottky rectifier

STPS5L60U Datasheet (PDF)

Go To PDF Page Download Datasheet
STPS5L60U Datasheet PDF - STMicroelectronics

Part # STPS5L60U
Download  STPS5L60U Click to download

File Size   479.41 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5 A - 60 V power Schottky rectifier

STPS5L60U Datasheet (HTML) - STMicroelectronics


STPS5L60U Product details

Features
• Negligible switching losses
• Low forward voltage drop
• Low thermal resistance
• Avalanche rated
• ECOPACK2 component




Similar Part No. - STPS5L60U

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS5L60 STMICROELECTRONICS-STPS5L60 Datasheet
47Kb / 5P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS5L60 STMICROELECTRONICS-STPS5L60 Datasheet
134Kb / 8P
Power Schottky rectifier
16-May-2008
STPS5L60-Y STMICROELECTRONICS-STPS5L60-Y Datasheet
187Kb / 7P
Automotive power Schottky rectifier
29-Mar-2012
STPS5L60-Y STMICROELECTRONICS-STPS5L60-Y Datasheet
187Kb / 7P
Automotive power Schottky rectifier
29-Mar-2012
STPS5L60RL STMICROELECTRONICS-STPS5L60RL Datasheet
47Kb / 5P
POWER SCHOTTKY RECTIFIER
Jul-2003
More results


Similar Description - STPS5L60U

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG060V050EPD PHILIPS-PMEG060V050EPD_15 Datasheet
229Kb / 15P
60 V, 5 A low VF MEGA Schottky barrier rectifier
22 January 2015
logo
Nexperia B.V. All right...
PMEG060V050EPD NEXPERIA-PMEG060V050EPD Datasheet
714Kb / 15P
60 V, 5 A low VF MEGA Schottky barrier rectifier
logo
STMicroelectronics
STPS5H100UFN STMICROELECTRONICS-STPS5H100UFN Datasheet
171Kb / 8P
5 A - 100 V power Schottky rectifier
Rev 1 - January 2020
STPS660CSFY STMICROELECTRONICS-STPS660CSFY Datasheet
319Kb / 9P
Automotive 60 V, dual 3 A power Schottky rectifier
Rev 1 - October 2020
STPS560SFY STMICROELECTRONICS-STPS560SFY Datasheet
474Kb / 11P
Automotive 60 V, 5 A power Schottky rectifier
February 2019 Rev 1
STPS5L60SF STMICROELECTRONICS-STPS5L60SF Datasheet
323Kb / 9P
60 V power Schottky rectifier
July 2018 Rev 1
STPS10H60SF STMICROELECTRONICS-STPS10H60SF Datasheet
326Kb / 10P
60 V power Schottky rectifier
07-Nov-2018
STPS10M60SF STMICROELECTRONICS-STPS10M60SF Datasheet
324Kb / 9P
60 V power Schottky rectifier
DS12677 - Rev 1 - July 2018
logo
Nexperia B.V. All right...
PMEG060V050EPE-Q NEXPERIA-PMEG060V050EPE-Q Datasheet
257Kb / 11P
60 V, 5 A low VF Schottky barrier rectifier
19 July 2022
PMEG060V050EPE NEXPERIA-PMEG060V050EPE Datasheet
257Kb / 11P
60 V, 5 A low VF Schottky barrier rectifier
19 July 2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com