Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-1701 Datasheet(PDF) 21 Page - Seiko Instruments Inc

Part # S-1701
Description  HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1701 Datasheet(HTML) 21 Page - Seiko Instruments Inc

Back Button S-1701 Datasheet HTML 17Page - Seiko Instruments Inc S-1701 Datasheet HTML 18Page - Seiko Instruments Inc S-1701 Datasheet HTML 19Page - Seiko Instruments Inc S-1701 Datasheet HTML 20Page - Seiko Instruments Inc S-1701 Datasheet HTML 21Page - Seiko Instruments Inc S-1701 Datasheet HTML 22Page - Seiko Instruments Inc S-1701 Datasheet HTML 23Page - Seiko Instruments Inc S-1701 Datasheet HTML 24Page - Seiko Instruments Inc S-1701 Datasheet HTML 25Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 70 page
background image
HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.2.4_00
S-1701 Series
Seiko Instruments Inc.
21
2. S-1701 Series D/ E/ F/ K/ L/ M types
Table 26 (1/2)
(Ta = 25
°C unless otherwise specified)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Test
Circuit
Current
consumption
ISS
VIN = VOUT(S)
+ 1.0 V, no load
−
85
110
µA
3
Regulator block
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Test
Circuit
Output voltage
*1
VOUT(E)
VIN = VOUT(S)
+ 1.0 V, IOUT = 30 mA
VOUT(S)
× 0.99
VOUT(S)
VOUT(S)
× 1.01
V
1
Output current
*2
IOUT
VIN
≥ VOUT(S) + 2.0 V
When VOUT(S) = 4.5 V or higher, VIN = 6.5 V
400
*7
−
−
mA
2
1.5 V
≤ VOUT(S) ≤ 1.6 V
0.50
0.54
0.58
V
1
1.7 V
≤ VOUT(S) ≤ 1.8 V
−
0.34
0.38
V
1
1.9 V
≤ VOUT(S) ≤ 2.3 V
−
0.19
0.29
V
1
2.4 V
≤ VOUT(S) ≤ 2.7 V
−
0.16
0.25
V
1
Dropout voltage
*3
Vdrop
IOUT = 100 mA
2.8 V
≤ VOUT(S) ≤ 5.0 V
−
0.14
0.21
V
1
Line regulation
∆VIN • VOUT
∆VOUT1
VOUT(S)
+ 0.5 V ≤ VIN ≤ 6.5 V, IOUT = 30 mA
−
0.05
0.2
%/V
1
Load regulation
∆VOUT2 VIN = VOUT(S) + 1.0 V, 1.0 mA ≤ IOUT ≤ 100 mA
−
20
40
mV
1
Output voltage
temperature
coefficient
*4
∆Ta • VOUT
∆VOUT
VIN = VOUT(S)
+ 1.0 V, IOUT = 30 mA
−40 ≤ Ta ≤ +85°C
*8
−
±100
±350
ppm/
°C
1
Current
consumption
during operation
ISSR
VIN = VOUT(S)
+ 1.0 V, ON/OFF pin = ON,
no load
−
80
103
µA
3
Input voltage
VIN
−
2
−
6.5
V
−
ON/OFF pin
input voltage “H”
VSH
VIN = VOUT(S)
+ 1.0 V, RL = 1.0 kΩ
1.5
−
−
V
4
ON/OFF pin
input voltage “L”
VSL
VIN = VOUT(S)
+ 1.0 V, RL = 1.0 kΩ
−
−
0.3
V
4
ON/OFF pin
input current “H”
ISH
VIN = 6.5 V, VON/OFF = 6.5 V
−0.1
−
0.1
µA
4
ON/OFF pin
input current “L”
ISL
VIN = 6.5 V, VON/OFF = 0 V
−0.1
−
0.1
µA
4
Ripple rejection
|RR|
VIN = VOUT(S)
+ 1.0 V, f = 1.0 kHz,
∆Vrip = 0.5 Vrms, IOUT = 30 mA
−
70
−
dB
5
Short-circuit
current
Ishort
VIN = VOUT(S)
+ 1.0 V, ON/OFF pin = ON,
VOUT = 0 V
−
160
−
mA
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com