Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-1701 Datasheet(PDF) 51 Page - Seiko Instruments Inc

Part # S-1701
Description  HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1701 Datasheet(HTML) 51 Page - Seiko Instruments Inc

Back Button S-1701 Datasheet HTML 47Page - Seiko Instruments Inc S-1701 Datasheet HTML 48Page - Seiko Instruments Inc S-1701 Datasheet HTML 49Page - Seiko Instruments Inc S-1701 Datasheet HTML 50Page - Seiko Instruments Inc S-1701 Datasheet HTML 51Page - Seiko Instruments Inc S-1701 Datasheet HTML 52Page - Seiko Instruments Inc S-1701 Datasheet HTML 53Page - Seiko Instruments Inc S-1701 Datasheet HTML 54Page - Seiko Instruments Inc S-1701 Datasheet HTML 55Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 70 page
background image
HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.2.4_00
S-1701 Series
Seiko Instruments Inc.
51
(5) Current consumption vs. Input voltage
S-1701x15xx (VOUT = 1.5 V)
S-1701x30xx (VOUT = 3.0 V)
90
80
70
60
50
40
30
20
10
0
6
4
2
0
1
3
5
7
–40 °C
25 °C
Ta
= 85 °C
90
80
70
60
50
40
30
20
10
0
6
4
2
0
1
3
5
7
−40 °C
25
°C
Ta
= 85 °C
VIN [V]
VIN [V]
S-1701x50xx (VOUT = 5.0 V)
90
80
70
60
50
40
30
20
10
0
6
4
2
0
1
3
5
7
−40 °C
25
°C
Ta
= 85 °C
VIN [V]
(6) Ripple rejection ratio
S-1701x15xx (VOUT = 1.5 V, Ta = 25 °C)
S-1701x30xx (VOUT = 3.0 V, Ta = 25 °C)
VIN = 2.5 V, COUT = 1.0
µF, IOUT = 30 mA
VIN = 4.0 V, COUT = 1.0
µF, IOUT = 30 mA
1M
100
80
60
40
20
0
100
1k
10k
100k
10
1M
100
80
60
40
20
0
100
1k
10k
100k
10
Frequency [Hz]
Frequency [Hz]
S-1701x50xx (VOUT = 5.0 V, Ta = 25 °C)
VIN = 6.0 V, COUT = 1.0
µF, IOUT = 30 mA
1M
100
80
60
40
20
0
100
1k
10k
100k
10
Frequency [Hz]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com