Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-1701 Datasheet(PDF) 13 Page - Seiko Instruments Inc

Part # S-1701
Description  HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1701 Datasheet(HTML) 13 Page - Seiko Instruments Inc

Back Button S-1701 Datasheet HTML 9Page - Seiko Instruments Inc S-1701 Datasheet HTML 10Page - Seiko Instruments Inc S-1701 Datasheet HTML 11Page - Seiko Instruments Inc S-1701 Datasheet HTML 12Page - Seiko Instruments Inc S-1701 Datasheet HTML 13Page - Seiko Instruments Inc S-1701 Datasheet HTML 14Page - Seiko Instruments Inc S-1701 Datasheet HTML 15Page - Seiko Instruments Inc S-1701 Datasheet HTML 16Page - Seiko Instruments Inc S-1701 Datasheet HTML 17Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 70 page
background image
HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.2.4_00
S-1701 Series
Seiko Instruments Inc.
13
3. 13 S-1701 Series S type
ON/OFF pin : VDOUT connection
ON/OFF logic
: None
SENSE pin
: Provided
Release delay time : 50 ms
Table 14
Output Voltage
Detection Voltage
SOT-23-5
SOT-89-5
1.5 V
± 1.0%
1.5 V
± 1.0%
S-1701S1515-M5T1G
S-1701S1515-U5T1G
1.8 V
± 1.0%
1.5 V
± 1.0%
S-1701S1815-M5T1G
S-1701S1815-U5T1G
2.5 V
± 1.0%
1.5 V
± 1.0%
S-1701S2515-M5T1G
S-1701S2515-U5T1G
2.7 V
± 1.0%
1.5 V
± 1.0%
S-1701S2715-M5T1G
S-1701S2715-U5T1G
3.0 V
± 1.0%
1.5 V
± 1.0%
S-1701S3015-M5T1G
S-1701S3015-U5T1G
3.3 V
± 1.0%
1.5 V
± 1.0%
S-1701S3315-M5T1G
S-1701S3315-U5T1G
5.0 V
± 1.0%
1.5 V
± 1.0%
S-1701S5015-M5T1G
S-1701S5015-U5T1G
Remark
Please contact the SII marketing department for products with an output voltage or detection voltage other than those specified above.
3. 14 S-1701 Series T type
ON/OFF pin : VDOUT connection
ON/OFF logic
: None
SENSE pin
: Provided
Release delay time : 100 ms
Table 15
Output Voltage
Detection Voltage
SOT-23-5
SOT-89-5
1.5 V
± 1.0%
1.5 V
± 1.0%
S-1701T1515-M5T1G
S-1701T1515-U5T1G
1.8 V
± 1.0%
1.5 V
± 1.0%
S-1701T1815-M5T1G
S-1701T1815-U5T1G
2.5 V
± 1.0%
1.5 V
± 1.0%
S-1701T2515-M5T1G
S-1701T2515-U5T1G
2.7 V
± 1.0%
1.5 V
± 1.0%
S-1701T2715-M5T1G
S-1701T2715-U5T1G
3.0 V
± 1.0%
1.5 V
± 1.0%
S-1701T3015-M5T1G
S-1701T3015-U5T1G
3.3 V
± 1.0%
1.5 V
± 1.0%
S-1701T3315-M5T1G
S-1701T3315-U5T1G
3.3 V
± 1.0%
2.5 V
± 1.0%
S-1701T3325-M5T1G
−
5.0 V
± 1.0%
1.5 V
± 1.0%
S-1701T5015-M5T1G
S-1701T5015-U5T1G
Remark
Please contact the SII marketing department for products with an output voltage or detection voltage other than those specified above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com