Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS30M60D Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS30M60D
Description  Power Schottky rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30M60D Datasheet(HTML) 2 Page - STMicroelectronics

  STPS30M60D Datasheet HTML 1Page - STMicroelectronics STPS30M60D Datasheet HTML 2Page - STMicroelectronics STPS30M60D Datasheet HTML 3Page - STMicroelectronics STPS30M60D Datasheet HTML 4Page - STMicroelectronics STPS30M60D Datasheet HTML 5Page - STMicroelectronics STPS30M60D Datasheet HTML 6Page - STMicroelectronics STPS30M60D Datasheet HTML 7Page - STMicroelectronics STPS30M60D Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Characteristics
STPS30M60
2/8
DocID022045 Rev 2
1
Characteristics
To evaluate the conduction losses use the following equation:
P = 0.39 x IF(AV) + 0.0053 x IF
2
(RMS)
Table 2. Absolute ratings (limiting values at Tamb = 25 °C, unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
60
V
IF(RMS)
Forward rms current
60
A
IF(AV)
Average forward current,
δ = 0.5
Tc = 130 °C
30
A
IFSM
Surge non repetitive forward current
tp = 10 ms sine-wave
450
A
PARM
(1)
Repetitive peak avalanche power
Tj = 125 °C, tp = 10 µs
2470
W
VARM
(2)
Maximum repetitive peak avalanche voltage
tp < 1 µs, Tj < 150 °C, IAR < 129
80
V
VASM
(2)
Maximum single-pulse peak avalanche voltage
tp < 1 µs, Tj < 150 °C, IAR < 129
80
V
Tstg
Storage temperature range
-65 to +175
°C
Tj
Maximum operating junction temperature(3)
150
°C
1.
For pulse time duration deratings, please refer to Figure 4. More details regarding the avalanche energy measurements
and diode validation in the avalanche are provided in the STMicroelectronics Application notes AN1768, “Admissible
avalanche power of Schottky diodes” and AN2025, “Converter improvement using Schottky rectifier avalanche
specification”.
2.
See Figure 9
3.
condition to avoid thermal runaway for a diode on its own heatsink
dPtot
dTj
<
1
Rth(j-a)
Table 3. Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
0.9
°C/W
Table 4. Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR
(1)
Reverse leakage current
Tj = 25 °C
VR = VRRM
-
35
165
µA
Tj = 125 °C
-
25
100
mA
VF
(2)
Forward voltage drop
Tj = 25 °C
IF = 15 A
-
0.480
0.520
V
Tj = 125 °C
-
0.385
0.435
Tj = 25 °C
IF = 30 A
-
0.545
0.605
Tj = 125 °C
-
0.480
0.550
1.
Pulse test: tp = 5 ms, δ < 2%
2.
Pulse test: tp = 380 µs, δ < 2%
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com