Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS30M60D Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS30M60D
Description  Power Schottky rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30M60D Datasheet(HTML) 1 Page - STMicroelectronics

  STPS30M60D Datasheet HTML 1Page - STMicroelectronics STPS30M60D Datasheet HTML 2Page - STMicroelectronics STPS30M60D Datasheet HTML 3Page - STMicroelectronics STPS30M60D Datasheet HTML 4Page - STMicroelectronics STPS30M60D Datasheet HTML 5Page - STMicroelectronics STPS30M60D Datasheet HTML 6Page - STMicroelectronics STPS30M60D Datasheet HTML 7Page - STMicroelectronics STPS30M60D Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
This is information on a product in full production.
April 2015
DocID022045 Rev 2
1/8
STPS30M60
Power Schottky rectifier
Datasheet
- production data
Features
• High current capability
• Avalanche rated
• Low forward voltage drop
• High frequency operation
Description
The STPS30M60 is a single diode Schottky
rectifier, suited for high frequency switch mode
power supply.
Packaged in TO-220AC,this device is intended to
be used in notebook, game station and desktop
adapters, providing in these applications a good
efficiency at both low and high load.
Figure 1. Electrical characteristics(a)
Table 1. Device summary
Symbol
Value
IF(AV)
30 A
VRRM
60 V
Tj (max)
150 °C
VF (typ)
0.385 V
a.
VARM and IARM must respect the reverse safe
operating area defined in Figure 9. VAR and IAR are
pulse measurements (tp < 1 µs). VR, IR, VRRM and VF,
are static characteristics
IF
2 x IO
IO
IR
IAR
VF(Io)
VTo
VF(2xIo)
VF
V
I
I
V
VR
VRRM
"Reverse"
"Forward"
VAR
X
X
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - STPS30M60D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS30M60D STMICROELECTRONICS-STPS30M60D Datasheet
97Kb / 7P
Power Schottky rectifier
25-Oct-2011
STPS30M60DJF STMICROELECTRONICS-STPS30M60DJF Datasheet
177Kb / 8P
High efficiency power Schottky diode
18-Apr-2012
STPS30M60DJF STMICROELECTRONICS-STPS30M60DJF Datasheet
298Kb / 9P
60 V, 30 A high efficiency PowerFLAT power Schottky diode
15-Mar-2023
STPS30M60DJF-TR STMICROELECTRONICS-STPS30M60DJF-TR Datasheet
298Kb / 9P
60 V, 30 A high efficiency PowerFLAT power Schottky diode
15-Mar-2023
STPS30M60DJF STMICROELECTRONICS-STPS30M60DJF_V01 Datasheet
298Kb / 9P
60 V, 30 A high efficiency PowerFLAT power Schottky diode
15-Mar-2023
More results

Similar Description - STPS30M60D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1045D STMICROELECTRONICS-STPS1045D Datasheet
87Kb / 5P
POWER SCHOTTKY RECTIFIER
Sep-1999
STPS140A STMICROELECTRONICS-STPS140A Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-1998
STPS140Z STMICROELECTRONICS-STPS140Z Datasheet
53Kb / 5P
POWER SCHOTTKY RECTIFIER
May-1999
STPS1L60 STMICROELECTRONICS-STPS1L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2L60 STMICROELECTRONICS-STPS2L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS3L60 STMICROELECTRONICS-STPS3L60 Datasheet
69Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS41L60CG STMICROELECTRONICS-STPS41L60CG Datasheet
100Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS640CT STMICROELECTRONICS-STPS640CT Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Aug-1999
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
Power Schottky rectifier
14-Oct-2011
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com