Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS30M60D Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS30M60D
Description  Power Schottky rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30M60D Datasheet(HTML) 3 Page - STMicroelectronics

  STPS30M60D Datasheet HTML 1Page - STMicroelectronics STPS30M60D Datasheet HTML 2Page - STMicroelectronics STPS30M60D Datasheet HTML 3Page - STMicroelectronics STPS30M60D Datasheet HTML 4Page - STMicroelectronics STPS30M60D Datasheet HTML 5Page - STMicroelectronics STPS30M60D Datasheet HTML 6Page - STMicroelectronics STPS30M60D Datasheet HTML 7Page - STMicroelectronics STPS30M60D Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DocID022045 Rev 2
3/8
STPS30M60
Characteristics
8
Figure 2. Average forward power dissipation
versus average forward current
Figure 3. Average forward current versus
ambient temperature (
δ = 0.5)
0
4
8
12
16
20
24
28
0
4
8
1216
2024
2832
3640
P(W)
F(AV)
δ = 1
δ = 0.5
δ = 0.2
δ = 0.1
δ = 0.05
T
δ = t / T
p
t
p
I
(A)
F(AV)
0
5
10
15
20
25
30
35
0
25
50
75
100
125
150
I(A)
F(AV)
Rth(j-a) = Rth(j-c)
T
(°C)
amb
Figure 4. Normalized avalanche power derating
versus pulse duration (Tj = 125 °C)
Figure 5. Relative variation of thermal
impedance junction to case versus pulse
duration
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
Z/R
th(j-c)
th(j-c)
Single pulse
t(s)
p
Figure 6. Reverse leakage current versus
reverse voltage applied (typical values)
Figure 7. Junction capacitance versus reverse
voltage applied (typical values)
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
0
10
20
3040
5060
I (mA)
R
V(V)
R
T = 25 °C
j
T = 50 °C
j
T = 75 °C
j
T = 125 °C
j
T = 150 °C
j
T = 100 °C
j
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com