Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC080 Datasheet(PDF) 4 Page - Texas Instruments

Part # TLC080
Description  Very Low Noise, High-Speed, 12V CMOS Operational Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC080 Datasheet(HTML) 4 Page - Texas Instruments

  TLC080 Datasheet HTML 1Page - Texas Instruments TLC080 Datasheet HTML 2Page - Texas Instruments TLC080 Datasheet HTML 3Page - Texas Instruments TLC080 Datasheet HTML 4Page - Texas Instruments TLC080 Datasheet HTML 5Page - Texas Instruments TLC080 Datasheet HTML 6Page - Texas Instruments TLC080 Datasheet HTML 7Page - Texas Instruments TLC080 Datasheet HTML 8Page - Texas Instruments TLC080 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
OPA725, OPA2725
OPA726, OPA2726
SBOS278B − SEPTEMBER 2003 − REVISED JANUARY 2004
www.ti.com
4
ELECTRICAL CHARACTERISTICS: VS = +4V to +12V or VS = ±2V to ±6V
Boldface limits apply over the specified temperature range, TA = −40°C to +125°C.
At TA = +25°C, RL = 10kΩ connected to VS/2, and VOUT = VS/2, unless otherwise noted.
OPA725, OPA726, OPA2725, OPA2726
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
Input Offset Voltage
VOS
OPA725, OPA726
VS = ±6V, VCM = 0V
1.2
3
mV
OPA2725, OPA2726
VS = ±6V, VCM = 0V
1.5
5
mV
Drift
dVOS/dT
4
µV/°C
vs Power Supply
PSRR
VS = ±2V to ±6V, VCM = V−
30
100
µV/V
Over Temperature
VS = ±2V to ±6V, VCM = V−
150
mV/V
Channel Separation, DC
1
µV/V
INPUT BIAS CURRENT
Input Bias Current
IB
30
200
pA
Over Temperature
See Typical Characteristics
Input Offset Current
IOS
10
50
pA
NOISE
Input Voltage Noise, f = 0.1Hz to 10Hz
en
VS = ±6V, VCM = 0V
10
µVPP
Input Voltage Noise Density, f = 10kHz
en
VS = ±6V, VCM = 0V
10
nV/
√Hz
Input Voltage Noise Density, f = 100kHz
en
VS = ±6V, VCM = 0V
6
nV/
√Hz
Input Current Noise Density, f = 1kHz
in
VS = ±6V, VCM = 0V
2.5
fA/
√Hz
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
VCM
(V−)
(V+) − 2
V
Common-Mode Rejection Ratio
CMRR
(V−)
≤ VCM ≤ (V+) − 2V
88
94
dB
Over Temperature
(V−)
≤ VCM ≤ (V+) − 2V
84
dB
(V−)
≤ VCM ≤ (V+) − 3V
94
100
dB
Over Temperature
(V−)
≤ VCM ≤ (V+) − 3V
84
dB
INPUT IMPEDANCE
Differential
1011
 5
Ω pF
Common-Mode
1011
 4
Ω pF
OPEN-LOOP GAIN
Open-Loop Voltage Gain
AOL
OPA725, OPA726
RL = 100kΩ, 0.15V < VO < (V+) − 0.15V
110
120
dB
Over Temperature
RL = 100kΩ, 0.15V < VO < (V+) − 0.15V
100
dB
OPA2725, OPA2726
RL = 100kΩ, 0.175V < VO < (V+) − 0.175V
110
120
dB
Over Temperature
RL = 100kΩ, 0.175V < VO < (V+) − 0.175V
100
dB
OPA725, OPA726
RL = 1kΩ, 0.25V < VO < (V+) − 0.25V
106
116
dB
Over Temperature
RL = 1kΩ, 0.25V < VO < (V+) − 0.25V
96
dB
OPA2725, OPA2726
RL = 2kΩ, 0.25V < VO < (V+) − 0.25V
106
116
dB
Over Temperature
RL = 2kΩ, 0.25V < VO < (V+) − 0.25V
96
dB
FREQUENCY RESPONSE
CL = 20pF
Gain-Bandwidth Product
GBW
20
MHz
Slew Rate
SR
G = +1
30
V/
µs
Settling Time, 0.1%
tS
VS = ±6V, 5V Step, G = +1
350
ns
0.01%
VS = ±6V, 5V Step, G = +1
450
ns
Overload Recovery Time
VIN • Gain > VS
50
ns
Total Harmonic Distortion + Noise
THD+N
VS = ±6V, VOUT = 2VRMS, RL = 600Ω,
G = +1, f = 1kHz
0.0003
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com