Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC080 Datasheet(PDF) 1 Page - Texas Instruments

Part # TLC080
Description  Very Low Noise, High-Speed, 12V CMOS Operational Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC080 Datasheet(HTML) 1 Page - Texas Instruments

  TLC080 Datasheet HTML 1Page - Texas Instruments TLC080 Datasheet HTML 2Page - Texas Instruments TLC080 Datasheet HTML 3Page - Texas Instruments TLC080 Datasheet HTML 4Page - Texas Instruments TLC080 Datasheet HTML 5Page - Texas Instruments TLC080 Datasheet HTML 6Page - Texas Instruments TLC080 Datasheet HTML 7Page - Texas Instruments TLC080 Datasheet HTML 8Page - Texas Instruments TLC080 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
FEATURES
D BANDWIDTH: 20MHz
D SLEW RATE: 30V/µs
D FAST 16-BIT SETTLING TIME
D LOW NOISE: 6nV/√Hz (typ) at 100kHz
D EXCELLENT CMRR, PSRR, and AOL
D RAIL-TO-RAIL OUTPUT
D CM RANGE INCLUDES GND
D THD+N: 0.0003% (typ) at 1kHz
D QUIESCENT CURRENT: 5.5mA/ch (max)
D SUPPLY VOLTAGE: 4V to 12V
D SHUTDOWN MODE (OPAx726): 6µA/ch
APPLICATIONS
D OPTICAL NETWORKING
D TRANSIMPEDANCE AMPLIFIERS
D INTEGRATORS
D ACTIVE FILTERS
D A/D CONVERTER BUFFERS
D I/V CONVERTER FOR DACs
D PORTABLE AUDIO
D PROCESS CONTROL
D TEST EQUIPMENT
OPA725 RELATED PRODUCTS
FEATURES
PRODUCT
10MHz, 16V, 16V/
µs, 8.5nV/√Hz at 1kHz
TLC080
8MHz, 36V, FET Input, 20V/
µs, 8.5nV/√Hz at 1kHz
OPA132
100MHz, 5.5V, Precision Transimpedance Amplifier
OPA380
500MHz,
±5V, FET Input, 290V/µs, 7nV/√Hz at 100kHz
OPA656
7MHz, 12V, RRIO, 10V/
µs, 30nV/√Hz at 10kHz
OPA743
16-Bit, 250kSPS, 4-Channel, Parallel Output ADC
ADS8342
DESCRIPTION
The OPA725 and OPA726 series op amps use a
state-of-the-art 12V analog CMOS process, and combine
outstanding ac performance with low bias current and
excellent
CMRR,
PSRR,
and
AOL. The 20MHz
Gain-Bandwidth (GBW) Product is achieved by using a
proprietary and patent-pending output stage design.
These characteristics allow excellent 16-bit settling times
for driving 16-bit Analog-to-Digital converters (ADCs).
Excellent ac characteristics, such as 20MHz GBW, 30V/
µs
slew rate and 0.0003% THD+N make the OPA725 and
OPA726 well-suited for communication, high-end audio,
and active filter applications. With a bias current of less
than
200pA,
they
are
well-suited
for
use
as
transimpedance (I/V-conversion) amplifiers for monitoring
optical power in ONET applications.
The OPA725 and OPA726 op amps can be used in
single-supply applications from 4V up to 12V, or
dual-supply from
±2V to ±6V. The output swings to within
150mV of the rails, maximizing dynamic range. The
shutdown versions (OPAx726) reduce the quiescent
current to less than 6
µA and feature a reference pin for
easy shutdown operation with standard CMOS logic in
dual-supply applications.
The OPA725 (single) is available in SOT23-5 and SO-8
packages, and the OPA2725 (dual) is available in MSOP-8
and SO-8 packages. The OPA726 (single with shutdown)
is available in MSOP-8 and SO-8. The OPA2726 (dual with
shutdown) is available in MSOP-10. All versions are
specified for operation from −40
°C to +125°C.
−V
B
V
OUT
+12V
Enable
OPA 726
λ
75
Ω
OPA725
ADS8342
16−Bit ADC
AIN
Common
330pF
V
IN
±2.5V
+5V
−5V
+5V
−5V
OPA725, OPA2725
OPA726, OPA2726
SBOS278B − SEPTEMBER 2003 − REVISED JANUARY 2004
Very Low Noise, High-Speed, 12V CMOS
Operational Amplifier
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
www.ti.com
Copyright
 2003−2004, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.


Similar Part No. - TLC080

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC080 TI-TLC080 Datasheet
1Mb / 47P
FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI-TLC080 Datasheet
1Mb / 52P
FAMILY OF WIDE BANDWIDTH HIGH OUTPUT DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI-TLC080 Datasheet
1Mb / 48P
FAMILY OF WIDE - BANDWITH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI-TLC080 Datasheet
1Mb / 51P
FAMILY OF WIDE-BANDWIDTH HIGH-OUPTUP-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI-TLC080 Datasheet
2Mb / 51P
FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
More results

Similar Description - TLC080

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1224 LINER-LT1224 Datasheet
233Kb / 8P
Very High Speed Operational Amplifier
LT1225 LINER-LT1225 Datasheet
246Kb / 8P
Very High Speed Operational Amplifier
LT1226 LINER-LT1226 Datasheet
235Kb / 8P
Low Noise Very High Speed Operational Amplifier
logo
Burr-Brown (TI)
OPA725 BURR-BROWN-OPA725 Datasheet
458Kb / 20P
Very Low Noise, High-Speed, 12V CMOS Operational Amplifier
logo
Texas Instruments
OPA726AIDGKTG4 TI1-OPA726AIDGKTG4 Datasheet
1Mb / 28P
Very Low Noise, High-Speed, 12V CMOS Operational Amplifier
logo
Analog Devices
OP470 AD-OP470_15 Datasheet
3Mb / 16P
Very Low Noise Quad Operational Amplifier
REV. B
logo
Linear Technology
LT1224 LINER-LT1224_15 Datasheet
217Kb / 8P
Very High Speed Operational Amplifier
LT1225 LINER-LT1225_15 Datasheet
231Kb / 8P
Very High Speed Operational Amplifier
LT1226 LINER-LT1226_15 Datasheet
220Kb / 8P
Low Noise Very High Speed Operational Amplifier
logo
Texas Instruments
OPA725 TI1-OPA725 Datasheet
1Mb / 28P
Very Low Noise, High-Speed, 12V CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com