Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC080 Datasheet(PDF) 5 Page - Texas Instruments

Part # TLC080
Description  Very Low Noise, High-Speed, 12V CMOS Operational Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC080 Datasheet(HTML) 5 Page - Texas Instruments

  TLC080 Datasheet HTML 1Page - Texas Instruments TLC080 Datasheet HTML 2Page - Texas Instruments TLC080 Datasheet HTML 3Page - Texas Instruments TLC080 Datasheet HTML 4Page - Texas Instruments TLC080 Datasheet HTML 5Page - Texas Instruments TLC080 Datasheet HTML 6Page - Texas Instruments TLC080 Datasheet HTML 7Page - Texas Instruments TLC080 Datasheet HTML 8Page - Texas Instruments TLC080 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
OPA725, OPA2725
OPA726, OPA2726
SBOS278B − SEPTEMBER 2003 − REVISED JANUARY 2004
www.ti.com
5
ELECTRICAL CHARACTERISTICS: VS = +4V to +12V or VS = ±2V to ±6V (continued)
Boldface limits apply over the specified temperature range, TA = −40°C to +125°C.
At TA = +25°C, RL = 10kΩ connected to VS/2, and VOUT = VS/2, unless otherwise noted.
OPA725, OPA726, OPA2725, OPA2726
PARAMETER
UNIT
MAX
TYP
MIN
CONDITIONS
OUTPUT
Voltage Output Swing from Rail
OPA725, OPA726
RL = 100kΩ, AOL > 110dB
100
150
mV
Over Temperature
RL = 100kΩ, AOL > 100dB
150
mV
OPA2725, OPA2726
RL = 100kΩ, AOL > 110dB
125
175
mV
Over Temperature
RL = 100kΩ, AOL > 100dB
175
mV
OPA725, OPA726
RL = 1kΩ, AOL > 106dB
200
250
mV
Over Temperature
RL = 1kΩ, AOL > 96dB
250
mV
OPA2725, OPA2726
RL = 2kΩ, AOL > 106dB
200
250
mV
Over Temperature
RL = 2kΩ, AOL > 96dB
250
mV
Output Current
IOUT
 VS − VOUT < 1V
40
mA
Short-Circuit Current
ISC
±55
mA
Capacitive Load Drive
CLOAD
See Typical Characteristics
Open-Loop Output Impedance
f = 1MHz, IO = 0
40
Ω
ENABLE/SHUTDOWN (OPAx726)
tOFF
5
µs
tON
30
µs
Enable Reference (DGND) Voltage Range
VDGND
V−
(V+) − 2
V
VL (shutdown)
< VDGND +0.8V
V
VH (amplifier is active)
> VDGND +2V
V
Input Disable Current
Ref Pin = Enable Pin = V−
5
µA
IQSD (per amplifier)
6
15
µA
POWER SUPPLY
Specified Voltage Range
VS
4
12
V
Operating Voltage Range
VS
3.5 to 13.2
V
Quiescent Current (per amplifier)
IQ
IO = 0
4.3
5.5
mA
Over Temperature
6
mA
TEMPERATURE RANGE
Specified Range
−40
125
°C
Operating Range
−55
125
°C
Storage Range
−55
150
°C
Thermal Resistance
qJA
SOT23-5
200
°C/W
MSOP-8, MSOP-10, SO-8
150
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com