Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM2704CDB.B Datasheet(PDF) 22 Page - Texas Instruments

Part # PCM2704CDB.B
Description  PCM270xC Stereo Audio DAC With USB Interface, Single-Ended Headphone Output and S/PDIF Output
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM2704CDB.B Datasheet(HTML) 22 Page - Texas Instruments

Back Button PCM2704CDB.B Datasheet HTML 18Page - Texas Instruments PCM2704CDB.B Datasheet HTML 19Page - Texas Instruments PCM2704CDB.B Datasheet HTML 20Page - Texas Instruments PCM2704CDB.B Datasheet HTML 21Page - Texas Instruments PCM2704CDB.B Datasheet HTML 22Page - Texas Instruments PCM2704CDB.B Datasheet HTML 23Page - Texas Instruments PCM2704CDB.B Datasheet HTML 24Page - Texas Instruments PCM2704CDB.B Datasheet HTML 25Page - Texas Instruments PCM2704CDB.B Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 53 page
background image
S
P
DT
CK
Start
Condition
Stop
Condition
Device Address
R/W
ACK
ACK
ACK
DATA
DATA
NACK
1
7
-
1
8
-
1
8
-
8
9
9
9
9
R/ : Read operation if ‘1’; otherwise, Write operation
ACK: Acknowledgement of a byte if ‘0’
DATA: 8 bits (1 byte)
NACK: No acknowledgement if ‘1’
W
PCM2704C, PCM2705C, PCM2706C, PCM2707C
SBFS036B – MAY 2015 – REVISED AUGUST 2015
www.ti.com
The data must be stored from address 0x00 and must consist of 57 bytes, according to these listed parameters:
•
Vendor ID (2 bytes)
•
Product ID (2 bytes)
•
Product string (16 bytes in ANSI ASCII code)
•
Vendor string (32 bytes in ANSI ASCII code)
•
Power attribute (1 byte)
•
Max power (1 byte)
•
Auxiliary HID usage ID in report descriptor (3 bytes)
Figure 28 shows the timing for an external ROM read operation. Table 3 summarizes the timing characteristics.
Figure 28. External ROM Read Operation
Table 3. External ROM Read Operation Characteristics
M
M
M
S
S
M
S
M
S
M
M
S
Device address
R/W
ACK
DATA
ACK
DATA
ACK
. . .
NACK
P
22
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: PCM2704C PCM2705C PCM2706C PCM2707C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com