Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM2704CDB.B Datasheet(PDF) 29 Page - Texas Instruments

Part # PCM2704CDB.B
Description  PCM270xC Stereo Audio DAC With USB Interface, Single-Ended Headphone Output and S/PDIF Output
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM2704CDB.B Datasheet(HTML) 29 Page - Texas Instruments

Back Button PCM2704CDB.B Datasheet HTML 25Page - Texas Instruments PCM2704CDB.B Datasheet HTML 26Page - Texas Instruments PCM2704CDB.B Datasheet HTML 27Page - Texas Instruments PCM2704CDB.B Datasheet HTML 28Page - Texas Instruments PCM2704CDB.B Datasheet HTML 29Page - Texas Instruments PCM2704CDB.B Datasheet HTML 30Page - Texas Instruments PCM2704CDB.B Datasheet HTML 31Page - Texas Instruments PCM2704CDB.B Datasheet HTML 32Page - Texas Instruments PCM2704CDB.B Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 53 page
background image
PCM2704C, PCM2705C, PCM2706C, PCM2707C
www.ti.com
SBFS036B – MAY 2015 – REVISED AUGUST 2015
9.6 Register Maps
9.6.1 SPI Register (PCM2705C/7C)
NOTE
Contents of the power attribute and max power must be consistent with the actual
application circuit configuration (the PSEL setting and the actual power usage from VBUS
of the USB connector); otherwise, it may cause improper or unexpected PCM2705C/7C
operation.
Figure 34. SPI Register Description
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
ST
0
ADDR
0
D0
D1
D2
D3
D4
D5
D6
D7
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 8. SPI Register Field Descriptions(1)
Bit
Field
Type
Reset
Description
Determines the function of the lower 8-bit data. Table 9 summarizes the
functionality of ST and ADDR bit combinations.
11
ST
0: HID status write
1: Descriptor ROM data write
Starts write operation for internal descriptor reprogramming (active high)
This bit resets the descriptor ROM address counter and indicates that subsequent
words should be ROM data (described in External ROM Example). 456 bits of ROM
9
ADDR
data must be continuously followed after this bit has been asserted. The data bits
must be sent from LSB (D0) to MSB (D7).
To set ADDR high, ST must be set low. Note that the lower 8 bits are still active as an
HID status write when ST is set low.
ST = 0 (HID status write); Reports extended command status to the host (active high)
7
D0
ST = 1 (ROM data write); Internal descriptor ROM data, D0:LSB
ST = 0 (HID status write); Reports play/pause HID status to the host (active high)
6
D1
ST = 1 (ROM data write); Internal descriptor ROM data
ST = 0 (HID status write); Reports stop HID status to the host (active high)
5
D2
ST = 1 (ROM data write); Internal descriptor ROM data
ST = 0 (HID status write); Reports previous-track HID status to the host (active high)
4
D3
ST = 1 (ROM data write); Internal descriptor ROM data
ST = 0 (HID status write); Reports next-track HID status to the host (active high)
3
D4
ST = 1 (ROM data write); Internal descriptor ROM data
ST = 0 (HID status write); Reports volume-down HID status to the host (active high)
2
D5
ST = 1 (ROM data write); Internal descriptor ROM data
ST = 0 (HID status write); Reports volume-up HID status to the host (active high)
1
D6
ST = 1 (ROM data write); Internal descriptor ROM data
ST = 0 (HID status write); Reports MUTE HID status to the host (active high)
0
D7
ST = 1 (ROM data write); Internal descriptor ROM data, D7:MSB
(1)
D[7:0] – Function of the lower 8 bits depends on the value of the ST (B11) bit.
Table 9. Functionality of ST and ADDR Bit Combinations
ST
ADDR
FUNCTION
0
0
HIS status write
0
1
HIS status write and descriptor ROM address reset
1
0
Descriptor ROM data write
1
1
Reserved
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: PCM2704C PCM2705C PCM2706C PCM2707C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com