Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM2704CDB.B Datasheet(PDF) 30 Page - Texas Instruments

Part # PCM2704CDB.B
Description  PCM270xC Stereo Audio DAC With USB Interface, Single-Ended Headphone Output and S/PDIF Output
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM2704CDB.B Datasheet(HTML) 30 Page - Texas Instruments

Back Button PCM2704CDB.B Datasheet HTML 26Page - Texas Instruments PCM2704CDB.B Datasheet HTML 27Page - Texas Instruments PCM2704CDB.B Datasheet HTML 28Page - Texas Instruments PCM2704CDB.B Datasheet HTML 29Page - Texas Instruments PCM2704CDB.B Datasheet HTML 30Page - Texas Instruments PCM2704CDB.B Datasheet HTML 31Page - Texas Instruments PCM2704CDB.B Datasheet HTML 32Page - Texas Instruments PCM2704CDB.B Datasheet HTML 33Page - Texas Instruments PCM2704CDB.B Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 53 page
background image
PCM2704C, PCM2705C, PCM2706C, PCM2707C
SBFS036B – MAY 2015 – REVISED AUGUST 2015
www.ti.com
10 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
10.1 Application Information
The PSEL allows the device to configure for bus-powered mode (High) or self-powered mode (Low). The HOST
pin configures the maximum current consumption of the device during bus-powered mode (low: 100 mA, high:
500 mA), or can be used as host detector during self-powered mode. The SSPND flag notifies when the USB
input is idle for at least 5 ms; this flag can be used to control or notify subsequent circuits. The device descriptor
can be modified by using an external ROM (PCM2704C/6C) or through the SPI port (PCM2705C/7C); this
descriptor programming function is only available when PSEL and HOST are high. More functional details can be
found in USB Interface.
10.2 Typical Application
10.2.1 Typical Circuit Connection 1: USB Speaker
Figure 35 shows a typical circuit connection for an internal-descriptor, bus-powered, 500-mA application.
30
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: PCM2704C PCM2705C PCM2706C PCM2707C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com