Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM2906C Datasheet(PDF) 26 Page - Texas Instruments

Part # PCM2906C
Description  PCM2903C Stereo Audio Codec With USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM2906C Datasheet(HTML) 26 Page - Texas Instruments

Back Button PCM2906C Datasheet HTML 22Page - Texas Instruments PCM2906C Datasheet HTML 23Page - Texas Instruments PCM2906C Datasheet HTML 24Page - Texas Instruments PCM2906C Datasheet HTML 25Page - Texas Instruments PCM2906C Datasheet HTML 26Page - Texas Instruments PCM2906C Datasheet HTML 27Page - Texas Instruments PCM2906C Datasheet HTML 28Page - Texas Instruments PCM2906C Datasheet HTML 29Page - Texas Instruments PCM2906C Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
AND Gate
D+
D-
VBUS
GND
V L
IN
V R
IN
V L
OUT
V R
OUT
DOUT DIN
Connection to ground plane
Connection to power 3.3V
Top layer traces
1.5kOhm
22Ohm
22Ohm
10uF
10uF
12MHz
1MOhm
Decoupling capacitors as
close as possible to de IC
Clock hardware for
built-in resonator
HID controls
1.5kOhmx3
10pF-33pF
10pF-33pF
1MOhm
10uF
10uF
10uF
10uF
USB port
SSPND
PCM2903C
Top layer ground plane
PCM2903C
SBFS038A – JUNE 2012 – REVISED SEPTEMBER 2015
www.ti.com
11 Power Supply Recommendations
The voltage source needed to power the PCM2903C must be between 3 V and 3.6 V for a proper operation. It is
recommended to place decoupling capacitor in every voltage source pin. This will help filter lower frequency
power supply noise. Place these decoupling capacitors as close as possible to the PCM2903C.
12 Layout
12.1 Layout Guidelines
The decoupling capacitors must be as close as possible to the PCM2903C pins. It is recommended to place a
lowpass Filter in the analog input and output. At least the analog input and analog output need a series capacitor
to eliminate any possible offset level. The PCM2903C is a low power device so there is no need for a special
heat sink PCB design.
12.2 Layout Example
Figure 48. Layout Example Recommendation
26
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: PCM2903C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com