Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM2906C Datasheet(PDF) 10 Page - Texas Instruments

Part # PCM2906C
Description  PCM2903C Stereo Audio Codec With USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM2906C Datasheet(HTML) 10 Page - Texas Instruments

Back Button PCM2906C Datasheet HTML 6Page - Texas Instruments PCM2906C Datasheet HTML 7Page - Texas Instruments PCM2906C Datasheet HTML 8Page - Texas Instruments PCM2906C Datasheet HTML 9Page - Texas Instruments PCM2906C Datasheet HTML 10Page - Texas Instruments PCM2906C Datasheet HTML 11Page - Texas Instruments PCM2906C Datasheet HTML 12Page - Texas Instruments PCM2906C Datasheet HTML 13Page - Texas Instruments PCM2906C Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
0.008
0.007
0.006
0.005
0.004
0.003
30
35
40
45
50
Sampling Frequency (kHz)
G011
SNR
Dynamic Range
98
97
96
95
94
93
92
91
90
30
35
40
45
50
Sampling Frequency (kHz)
G012
0.008
0.007
0.006
0.005
0.004
0.003
3
3.6
Supply Voltage (V)
G009
3.1
3.2
3.3
3.4
3.5
98
97
96
95
94
93
92
91
90
3
3.6
Supply Voltage (V)
G010
3.1
3.2
3.3
3.4
3.5
SNR
Dynamic Range
0.008
0.007
0.006
0.005
0.004
0.003
-50
100
Free-Air Temperature (°C)
G007
-25
0
25
50
75
98
97
96
95
94
93
92
91
90
-50
100
Free-Air Temperature ( C)
°
G008
-25
0
25
50
75
SNR
Dynamic Range
PCM2903C
SBFS038A – JUNE 2012 – REVISED SEPTEMBER 2015
www.ti.com
7.6.2 Typical Characteristics: DAC
All specifications at TA = +25°C, VDD = VCCC = VCCP1 = VCCP2 = VCCx = 3.3 V, fs = 44.1 kHz, fIN = 1 kHz, 16-bit data, unless
otherwise noted.
Figure 7. Total Harmonic Distortion + Noise at 0 dB vs
Figure 8. Dynamic Range and SNR vs Free-Air
Free-Air Temperature
Temperature
Figure 9. Total Harmonic Distortion + Noise at 0 dB vs
Figure 10. Dynamic Range and SNR vs Supply Voltage
Supply Voltage
Figure 11. Total Harmonic Distortion + Noise at 0 dB vs
Figure 12. Dynamic Range and SNR vs Sampling
Sampling Frequency
Frequency
10
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: PCM2903C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com