Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM2906C Datasheet(PDF) 9 Page - Texas Instruments

Part # PCM2906C
Description  PCM2903C Stereo Audio Codec With USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM2906C Datasheet(HTML) 9 Page - Texas Instruments

Back Button PCM2906C Datasheet HTML 5Page - Texas Instruments PCM2906C Datasheet HTML 6Page - Texas Instruments PCM2906C Datasheet HTML 7Page - Texas Instruments PCM2906C Datasheet HTML 8Page - Texas Instruments PCM2906C Datasheet HTML 9Page - Texas Instruments PCM2906C Datasheet HTML 10Page - Texas Instruments PCM2906C Datasheet HTML 11Page - Texas Instruments PCM2906C Datasheet HTML 12Page - Texas Instruments PCM2906C Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
0.01
0.009
0.008
0.007
0.006
0.005
0.004
0.003
30
35
40
45
50
Sampling Frequency (kHz)
G005
95
93
91
89
87
85
30
35
40
45
50
Sampling Frequency (kHz)
G006
SNR
Dynamic Range
0.01
0.009
0.008
0.007
0.006
0.005
0.004
0.003
2.8
3
3.2
3.4
3.6
3.8
Supply Voltage (V)
G003
95
93
91
89
87
85
2.8
3
3.2
3.4
3.6
3.8
Supply Voltage (V)
G004
SNR
Dynamic Range
-50
100
Free-Air Temperature (°C)
G001
-25
0
25
50
75
0.01
0.009
0.008
0.007
0.006
0.005
0.004
0.003
95
93
91
89
87
85
-50
100
Free-Air Temperature (°C)
G002
-25
0
25
50
75
SNR
Dynamic Range
PCM2903C
www.ti.com
SBFS038A – JUNE 2012 – REVISED SEPTEMBER 2015
7.6 Typical Characteristics
7.6.1 Typical Characteristics: ADC
All specifications at TA = +25°C, VDD = VCCC = VCCP1 = VCCP2 = VCCx = 3.3 V, fs = 44.1 kHz, fIN = 1 kHz, 16-bit data, unless
otherwise noted.
Figure 1. Total Harmonic Distortion + Noise at –1 dB vs
Figure 2. Dynamic Range and SNR vs Free-Air
Free-Air Temperature
Temperature
Figure 3. Total Harmonic Distortion + Noise at –1 dB vs
Figure 4. Dynamic Range and SNR vs Supply Voltage
Supply Voltage
Figure 5. Total Harmonic Distortion + Noise at –1 dB vs
Figure 6. Dynamic Range and SNR vs Sampling Frequency
Sampling Frequency
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: PCM2903C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com