Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM5100APWR Datasheet(PDF) 21 Page - Texas Instruments

Part # PCM5100APWR
Description  PCM510xA 2.1 VRMS, 112/106/100 dB Audio Stereo DAC with PLL and 32-bit, 384 kHz PCM Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5100APWR Datasheet(HTML) 21 Page - Texas Instruments

Back Button PCM5100APWR Datasheet HTML 17Page - Texas Instruments PCM5100APWR Datasheet HTML 18Page - Texas Instruments PCM5100APWR Datasheet HTML 19Page - Texas Instruments PCM5100APWR Datasheet HTML 20Page - Texas Instruments PCM5100APWR Datasheet HTML 21Page - Texas Instruments PCM5100APWR Datasheet HTML 22Page - Texas Instruments PCM5100APWR Datasheet HTML 23Page - Texas Instruments PCM5100APWR Datasheet HTML 24Page - Texas Instruments PCM5100APWR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
−0.00010
−0.00008
−0.00006
−0.00004
−0.00002
0.00000
0.00002
0.00004
0.00006
0.00008
0.00010
0.0
0.1
0.2
0.3
0.4
0.5
Frequency (x fS)
G033
−120
−100
−80
−60
−40
−20
0
0
1
2
3
4
Frequency (x fS)
G011
−0.6
−0.4
−0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
50
100
150
200
250
300
350
400
Samples
G022
PCM5100A, PCM5101A, PCM5102A
PCM5100A-Q1, PCM5101A-Q1, PCM5102A-Q1
www.ti.com
SLAS859C – MAY 2012 – REVISED MAY 2015
The low-latency x8 / x4 / x2 / x1 (bypass) interpolation filter is programmed for sample rates from 8 kHz to 384
kHz.
Table 7. Low Latency x8 Interpolation Filter
Parameter
Condition
Value (Typ)
Units
Filter gain pass band
0 ……. 0.45fS
±0.0001
dB
Filter gain stop band
0.55fS ….. 7.455fS
–52
dB
Filter group delay
3.5tS
s
Figure 24. Low Latency x8 Interpolation Filter Frequency
Figure 25. Low Latency x8 Interpolation Filter Impulse
Response
Response
Figure 26. Low Latency x8 Interpolation Filter Passband Ripple
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: PCM5100A PCM5101A PCM5102A PCM5100A-Q1 PCM5101A-Q1 PCM5102A-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com