Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM5100APWR Datasheet(PDF) 4 Page - Texas Instruments

Part # PCM5100APWR
Description  PCM510xA 2.1 VRMS, 112/106/100 dB Audio Stereo DAC with PLL and 32-bit, 384 kHz PCM Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5100APWR Datasheet(HTML) 4 Page - Texas Instruments

  PCM5100APWR Datasheet HTML 1Page - Texas Instruments PCM5100APWR Datasheet HTML 2Page - Texas Instruments PCM5100APWR Datasheet HTML 3Page - Texas Instruments PCM5100APWR Datasheet HTML 4Page - Texas Instruments PCM5100APWR Datasheet HTML 5Page - Texas Instruments PCM5100APWR Datasheet HTML 6Page - Texas Instruments PCM5100APWR Datasheet HTML 7Page - Texas Instruments PCM5100APWR Datasheet HTML 8Page - Texas Instruments PCM5100APWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
PCM5100A, PCM5101A, PCM5102A
PCM5100A-Q1, PCM5101A-Q1, PCM5102A-Q1
SLAS859C – MAY 2012 – REVISED MAY 2015
www.ti.com
6 Device Comparison
Differences Between PCM510xA Devices
PART NUMBER
DYNAMIC RANGE
SNR
THD
PCM5102A
112dB
112dB
–93 dB
PCM5101A
106 dB
106 dB
–92 dB
PCM5100A
100 dB
100 dB
–90 dB
Typical Performance (3.3 V Power Supply)
PARAMETER
PCM5102 / PCM5101 / PCM5100
SNR
112 / 106 / 100 dB
Dynamic range
112 /106 / 100 dB
THD+N at –1 dBFS
–93/ –92 / –90 dB
Full-scale single-ended output
2.1 VRMS (GND center)
Normal 8× oversampling digital filter latency
20tS
Low latency 8× oversampling digital filter latency
3.5tS
Sampling frequency
8 kHz to 384 kHz
System clock multiples (fSCK): 64, 128, 192, 256, 384,
Up to 50 MHz
512, 768, 1024, 1152, 1536, 2048, 3072
4
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: PCM5100A PCM5101A PCM5102A PCM5100A-Q1 PCM5101A-Q1 PCM5102A-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com