Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM5100APWR Datasheet(PDF) 13 Page - Texas Instruments

Part # PCM5100APWR
Description  PCM510xA 2.1 VRMS, 112/106/100 dB Audio Stereo DAC with PLL and 32-bit, 384 kHz PCM Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5100APWR Datasheet(HTML) 13 Page - Texas Instruments

Back Button PCM5100APWR Datasheet HTML 9Page - Texas Instruments PCM5100APWR Datasheet HTML 10Page - Texas Instruments PCM5100APWR Datasheet HTML 11Page - Texas Instruments PCM5100APWR Datasheet HTML 12Page - Texas Instruments PCM5100APWR Datasheet HTML 13Page - Texas Instruments PCM5100APWR Datasheet HTML 14Page - Texas Instruments PCM5100APWR Datasheet HTML 15Page - Texas Instruments PCM5100APWR Datasheet HTML 16Page - Texas Instruments PCM5100APWR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
-160
-140
-120
-100
-80
-60
-40
-20
0
0
50
100
150
200
250
300
Frequency (kHz)
-160
-140
-120
-100
-80
-60
-40
-20
0
0
50
100
150
200
250
300
Frequency (kHz)
Frequency (kHz)
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
5
10
15
20
Frequency (kHz)
PCM5100A, PCM5101A, PCM5102A
PCM5100A-Q1, PCM5101A-Q1, PCM5102A-Q1
www.ti.com
SLAS859C – MAY 2012 – REVISED MAY 2015
Typical Characteristics (continued)
Q1 Automotive grade devices are specified for TA = –40°C to 125°C. Consumer grade (non-Q1) devices are specified at TA =
25°C, AVDD = CPVDD = DVDD = 3.3 V, fS = 48 kHz, system clock = 512 fS and 24-bit data unless otherwise noted.
Figure 10. PCM5102 FFT Plot at BPZ With Analog Mute
Figure 9. PCM5101 FFT Plot at BPZ With Analog Mute
(AMUTE)
(AMUTE)
Figure 12. PCM5102 FFT Plot using a 1-kHz tone (–60dBFS)
Figure 11. PCM5101 FFT Plot using a 1-kHz tone (–60dBFS)
from DC to 300 kHz
from DC to 300 kHz
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: PCM5100A PCM5101A PCM5102A PCM5100A-Q1 PCM5101A-Q1 PCM5102A-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com