Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AF6246IUDX Datasheet(PDF) 56 Page - STMicroelectronics

Part # STM8AF6246IUDX
Description  Automotive 8-bit MCU, with up to 32 Kbyte Flash, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6246IUDX Datasheet(HTML) 56 Page - STMicroelectronics

Back Button STM8AF6246IUDX Datasheet HTML 52Page - STMicroelectronics STM8AF6246IUDX Datasheet HTML 53Page - STMicroelectronics STM8AF6246IUDX Datasheet HTML 54Page - STMicroelectronics STM8AF6246IUDX Datasheet HTML 55Page - STMicroelectronics STM8AF6246IUDX Datasheet HTML 56Page - STMicroelectronics STM8AF6246IUDX Datasheet HTML 57Page - STMicroelectronics STM8AF6246IUDX Datasheet HTML 58Page - STMicroelectronics STM8AF6246IUDX Datasheet HTML 59Page - STMicroelectronics STM8AF6246IUDX Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 99 page
background image
Electrical characteristics
STM8AF6246/48/66/68
56/99
DocID14952 Rev 11
Current consumption curves
Figure 10 to Figure 15 show typical current consumption measured with code executing in
RAM.
Table 26. Programming current consumption
Symbol
Parameter
Conditions
Typ
Max
Unit
IDD(PROG) Programming current
VDD = 5 V, -40 °C to 150 °C,
erasing and programming data
or Flash program memory
1.0
1.7
mA
Table 27. Typical peripheral current consumption VDD = 5.0 V(1)
1. Typical values not tested in production. Since the peripherals are powered by an internally regulated,
constant digital supply voltage, the values are similar in the full supply voltage range.
Symbol
Parameter
Typ.
fmaster =
2 MHz
Typ.
fmaster =
16 MHz
Unit
IDD(TIM1)
TIM1 supply current(2)
2. Data based on a differential IDD measurement between no peripheral clocked and a single active
peripheral. This measurement does not include the pad toggling consumption.
0.03
0.23
mA
IDD(TIM2)
TIM2 supply current (2)
0.02
0.12
IDD(TIM3)
TIM3 supply current(2)
0.01
0.1
IDD(TIM4)
TIM4 supply current(2)
0.004
0.03
IDD(LINUART)
LINUART supply current(2)
0.03
0.11
IDD(SPI)
SPI supply current(2)
0.01
0.04
IDD(I2C)
I2C supply current(2)
0.02
0.06
IDD(AWU)
AWU supply current(2)
0.003
0.02
IDD(TOT_DIG)
All digital peripherals on
0.22
1
IDD(ADC)
ADC supply current when
converting(3)
3. Data based on a differential IDD measurement between reset configuration and continuous A/D
conversions.
0.93
0.95
Figure 10. Typ. IDD(RUN)HSE vs. VDD
@fCPU = 16 MHz, peripheral = on
Figure 11. Typ. IDD(RUN)HSE vs. fCPU
@ VDD = 5.0 V, peripheral = on
0
1
2
3
4
5
6
7
8
9
10
2.533.5
44.555.5
6
V
DD [V]
25°C
85°C
125°C
0
1
2
3
4
5
6
7
8
9
10
0
5
10
15
20
25
30
fcpu [MHz]
25°C
85°C
125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com