Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AF6246IUDX Datasheet(PDF) 97 Page - STMicroelectronics

Part # STM8AF6246IUDX
Description  Automotive 8-bit MCU, with up to 32 Kbyte Flash, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6246IUDX Datasheet(HTML) 97 Page - STMicroelectronics

Back Button STM8AF6246IUDX Datasheet HTML 91Page - STMicroelectronics STM8AF6246IUDX Datasheet HTML 92Page - STMicroelectronics STM8AF6246IUDX Datasheet HTML 93Page - STMicroelectronics STM8AF6246IUDX Datasheet HTML 94Page - STMicroelectronics STM8AF6246IUDX Datasheet HTML 95Page - STMicroelectronics STM8AF6246IUDX Datasheet HTML 96Page - STMicroelectronics STM8AF6246IUDX Datasheet HTML 97Page - STMicroelectronics STM8AF6246IUDX Datasheet HTML 98Page - STMicroelectronics STM8AF6246IUDX Datasheet HTML 99Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 97 / 99 page
background image
DocID14952 Rev 11
97/99
STM8AF6246/48/66/68
Revision history
98
18-Jul-2012
6
(continued)
Section: Reset pin characteristics: updated text below Figure: Typical
NRST pull-up current Ipu vs VDD.
Figure: Recommended reset pin protection: updated unit of
capacitor.
Table: SPI characteristics: updated SCK high and low time
conditions and values.
Figure: SPI timing diagram - master mode: replaced ‘SCK input’
signals with ‘SCK output’ signals.
Updated Table: VFQFPN 32-lead very thin fine pitch quad flat no-
lead package mechanical data, Table: LQFP 48-pin low profile quad
flat package mechanical data, and Table: LQFP 32-pin low profile
quad flat package mechanical data.
Replaced Figure: LQFP 48-pin low profile quad flat package (7 x 7)
and Figure: LQFP 32-pin low profile quad flat package (7 x 7).
Added Figure: LQFP 48-pin recommended footprint and Figure:
LQFP 32-pin recommended footprint.
Figure: Ordering information scheme(1): added footnote 1, added
“xxx” and footnote 2, updated example and device family; added
FASTROM.
Section: C and assembly toolchains: added www.iar.com
04-Apr-2014
7
Updated:
– Table: Device summary,
– Table: STM8AF62xx product line-up,
– Table: STM8AF/H61xx product line-up.
– SPI description in Features.
– The typical and maximum values for tTEMP reset release delay in
Table: Operating conditions at power-up/power-down.
– The symbol for NRST Input not filtered pulse duration in Table:
NRST pin characteristics
– The address and comment of Reset interrupt in Table: STM8A
interrupt table.
Added the three footnotes to Figure VFQFPN 32-lead very thin fine
pitch quad flat no-lead package (5 x 5).
24-Jun-2014
8
Updated Table: HSI oscillator characteristics.
Added HSI accuracy and removed temperature range B in Figure:
Ordering information scheme(1).
12-Nov-2014
9
Updates in Table: HSI oscillator characteristics (HSI oscillator
accuracy (factory calibrated) values) and Figure: Ordering
information scheme(1) (changed the value for I).
Table 50. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com