Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AF6246IUDX Datasheet(PDF) 95 Page - STMicroelectronics

Part # STM8AF6246IUDX
Description  Automotive 8-bit MCU, with up to 32 Kbyte Flash, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6246IUDX Datasheet(HTML) 95 Page - STMicroelectronics

Back Button STM8AF6246IUDX Datasheet HTML 91Page - STMicroelectronics STM8AF6246IUDX Datasheet HTML 92Page - STMicroelectronics STM8AF6246IUDX Datasheet HTML 93Page - STMicroelectronics STM8AF6246IUDX Datasheet HTML 94Page - STMicroelectronics STM8AF6246IUDX Datasheet HTML 95Page - STMicroelectronics STM8AF6246IUDX Datasheet HTML 96Page - STMicroelectronics STM8AF6246IUDX Datasheet HTML 97Page - STMicroelectronics STM8AF6246IUDX Datasheet HTML 98Page - STMicroelectronics STM8AF6246IUDX Datasheet HTML 99Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 95 / 99 page
background image
DocID14952 Rev 11
95/99
STM8AF6246/48/66/68
Revision history
98
31-Jan-2011
5
Modified references to reference manual, and Flash programming
manual in the whole document.
Added reference to AEC Q100 standard on cover page.
Renamed timer types as follows:
– Auto-reload timer to general purpose timer
– Multipurpose timer to advanced control timer
– System timer to basic timer
Introduced concept of medium density Flash program memory.
Updated timer names in Figure: STM8A block diagram.
Added TMU brief description in Section: Flash program and data
EEPROM, and updated TMU_MAXATT description in Table: Option
byte description.
Updated clock sources in clock controller features. Changed
16MHZTRIM0 to HSITRIM bit in Section: User trimming.
Added Table: Peripheral clock gating bits.
Updated Section: Low-power operating modes.
Added calibration using TIM3 in Section: Auto-wakeup counter.
Added Table: ADC naming and Table: Communication peripheral
naming correspondence.
Added Note 1 related AIN12 pin in Section: Analog-to-digital
converter (ADC) and Table: STM8AF61xx/62xx (32 Kbyte)
microcontroller pin description.
Updated SPI data rate to 10 Mbit/s or fMASTER/2 in Section: Serial
peripheral interface (SPI).
Added reset state in Table: Legend/abbreviation.
Table: STM8AF61xx/62xx (32 Kbyte) microcontroller pin description:
added Note 7 related to PD1/SWIM, modified Note 6, corrected wpu
input for PE1 and PE2, and renamed TIMn_CCx and TIMn_NCCx to
TIMn_CHx and TIMn_CHxN, respectively.
Section: Register map:
Replaced tables describing register maps and reset values for non-
volatile memory, global configuration, reset status, clock controller,
interrupt controller, timers, communication interfaces, and ADC, by
Table: General hardware register map.
Added Note 1 for Px_IDR registers in Table: I/O port hardware
register map. Updated register reset values for Px_IDR registers.
Added SWIM and debug module register map.
Table 50. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com