Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETC5054 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ETC5054
Description  SERIAL INTERFACE CODEC/FILTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ETC5054 Datasheet(HTML) 1 Page - STMicroelectronics

  ETC5054 Datasheet HTML 1Page - STMicroelectronics ETC5054 Datasheet HTML 2Page - STMicroelectronics ETC5054 Datasheet HTML 3Page - STMicroelectronics ETC5054 Datasheet HTML 4Page - STMicroelectronics ETC5054 Datasheet HTML 5Page - STMicroelectronics ETC5054 Datasheet HTML 6Page - STMicroelectronics ETC5054 Datasheet HTML 7Page - STMicroelectronics ETC5054 Datasheet HTML 8Page - STMicroelectronics ETC5054 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
ETC5054
ETC5057
SERIAL INTERFACE CODEC/FILTER
COMPLETE CODEC AND FILTERING SYS-
TEM (DEVICE) INCLUDING:
– Transmit high-pass and low-pass filtering.
– Receive low-pass filter with sin x/x correction.
– Active RC noise filters
–
µ-law or A-law compatibleCOderandDECoder.
– Internal precision voltage reference.
– Serial I/O interface.
– Internal auto-zero circuitry.
A-LAW 16 PINS (ETC5057FN, 20 PINS)
µ-LAW WITHOUT SIGNALING, 16 PINS
(ETC5054FN, 20 PINS)
MEETS OR EXCEEDS ALL D3/D4 AND
CCITT SPECIFICATIONS
±5V OPERATION
LOW OPERATING POWER - TYPICALLY 60
mW
POWER-DOWN STANDBY MODE - TYPI-
CALLY 3 mW
AUTOMATIC POWER-DOWN
TTL OR CMOS COMPATIBLE DIGITAL IN-
TERFACES
MAXIMIZES LINE INTERFACE CARD CIR-
CUIT DENSITY
0to 70
°C OPERATION
DESCRIPTION
The ETC5057/ETC5054 family consists of A-law
and
µ–law monolithic PCM CODEC/filters utilizing
the A/D and D/A conversion architecture shown in
the block diagram below, and a serial PCM inter-
face. The devices are fabricated using double-
poly CMOS process. The encode portion of each
device consists of an input gain adjust amplifier,
an active RC pre-filter which eliminates very high
frequency noise prior to entering a switched-ca-
pacitor band-pass filter that rejects signals below
200 Hz and above 3400 Hz. Also included are
auto-zero circuitry and a companding coder which
samples the filtered signal and encodes it in the
companded A-law or
µ–law PCM format. The de-
code portion of each device consists of an ex-
panding decoder, which reconstructs the analog
signal from the companded A-law or
µ–law code,
a low-pass filter which corrects for the sin x/x re-
sponse of the decoder output and rejects signals
above 3400 Hz and is followed by a single-ended
power amplifier capable of driving low impedance
loads. The devices require 1.536 MHz, 1.544
MHz, or 2.048 MHz transmit and receive master
clocks, which may be asynchronous, transmit and
receive bit clocks which may vary from 64 kHz to
2.048 MHz, and transmit and receive frame sync
pulses. The timing of the frame sync pulses and
PCM data is compatible with both industry stand-
ard formats.
This is advanced information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
March 2000
®
DIP16 (Plastic)
ORDERING NUMBERS:
ETC5057N
ETC5054N
SO16 (Wide)
ORDERING NUMBERS:
ETC5057D
ETC5054D
PLCC20
ORDERING NUMBERS:
ETC5057FN
ETC5054FN
1/18


Similar Part No. - ETC5054

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ETC5064 STMICROELECTRONICS-ETC5064 Datasheet
270Kb / 18P
POWER AMPLIFIER SERIAL INTERFACE CODEC/FILTERWITH RECEIVE
Nov-1994
ETC5064-X STMICROELECTRONICS-ETC5064-X Datasheet
270Kb / 18P
POWER AMPLIFIER SERIAL INTERFACE CODEC/FILTERWITH RECEIVE
Nov-1994
ETC5064D STMICROELECTRONICS-ETC5064D Datasheet
270Kb / 18P
POWER AMPLIFIER SERIAL INTERFACE CODEC/FILTERWITH RECEIVE
Nov-1994
ETC5064D STMICROELECTRONICS-ETC5064D Datasheet
1Mb / 18P
SERIAL INTERFACE CODEC/FILTER WITH RECEIVEPOWER AMPLIFIER
Sep-2003
ETC5064D-X STMICROELECTRONICS-ETC5064D-X Datasheet
270Kb / 18P
POWER AMPLIFIER SERIAL INTERFACE CODEC/FILTERWITH RECEIVE
Nov-1994
More results

Similar Description - ETC5054

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
TP3054 NSC-TP3054 Datasheet
250Kb / 16P
Enhanced Serial Interface CODEC/Filter COMBO Family
TP3064 NSC-TP3064 Datasheet
276Kb / 18P
Enhanced' Serial Interface CMOS CODEC/Filter COMBO
TP3069 NSC-TP3069 Datasheet
275Kb / 18P
Enhanced' Serial Interface CMOS CODEC/Filter COMBO
logo
Texas Instruments
TCM320AC54 TI-TCM320AC54 Datasheet
241Kb / 17P
MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064B TI-TP3064B Datasheet
300Kb / 21P
MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
logo
National Semiconductor ...
TP3054-X NSC-TP3054-X Datasheet
671Kb / 16P
Extended Temperature Serial Interface CODEC/Filter COMBO Family
logo
STMicroelectronics
ETC5064 STMICROELECTRONICS-ETC5064_03 Datasheet
1Mb / 18P
SERIAL INTERFACE CODEC/FILTER WITH RECEIVEPOWER AMPLIFIER
Sep-2003
logo
Texas Instruments
TP3057WMX TI1-TP3057WMX Datasheet
299Kb / 18P
Enhanced Serial Interface CODEC/Filter COMBO Family
TP3054 TI1-TP3054_11 Datasheet
323Kb / 18P
Enhanced Serial Interface CODEC/Filter COMBO Family
TP3064 TI1-TP3064_11 Datasheet
347Kb / 20P
Enhanced Serial Interface CMOS CODEC/Filter COMBO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com