Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETC5054 Datasheet(PDF) 13 Page - STMicroelectronics

Part # ETC5054
Description  SERIAL INTERFACE CODEC/FILTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ETC5054 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ETC5054 Datasheet HTML 9Page - STMicroelectronics ETC5054 Datasheet HTML 10Page - STMicroelectronics ETC5054 Datasheet HTML 11Page - STMicroelectronics ETC5054 Datasheet HTML 12Page - STMicroelectronics ETC5054 Datasheet HTML 13Page - STMicroelectronics ETC5054 Datasheet HTML 14Page - STMicroelectronics ETC5054 Datasheet HTML 15Page - STMicroelectronics ETC5054 Datasheet HTML 16Page - STMicroelectronics ETC5054 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
APPLICATION INFORMATION
POWER SUPPLIES
While the pins at the ETC505X family are well
protected against electrical misuse, it is recom-
mended that the standard CMOS practice be fol-
lowed, ensuring that ground is connected to the
device before any-other connections are made. In
applications where the printed circuit board may
be plugged into a ”hot” socket with power and
clocks already present, an extra long ground pin
in the connector should be used.
All ground connections to each device should
meet at a common point as close as possible to
the GNDA pin. This minimizes the interaction of
ground return currents flowing through a common
bus impedance. 0.1
µF supply decoupling capaci-
tors should be connected from this common
ground point to VCC and VBB as close to the de-
vice as possible.
For best performance, the ground point of each
CODEC/FILTER on a card should be connected
to a common card ground in star formation, rather
than via a ground bus. This common ground point
should be decoupled to VCC and VBB with 10
µF
capacitors.
RECEIVE GAIN ADJUSTMENT
For
applications
where
a
ETC505X family
CODEC/filter receive output must drive a 600
Ω
load, but a peak swing lower then
± 2.5V is re-
quired, the receive gain can be easily adjusted by
inserting a matched T-pad or
π –pad at the out-
put. Table II lists the required resistor values for
600
Ω terminations. As these are generally non-
standard values, the equations can be used to
compute the attenuation of the closest pratical set
of resistors. It may be necessary to use unequal
values for the R1 or R4 arms of the attenuators to
achieve a precise attenuation. Generally it is tol-
erable to allow a small deviation of the input im-
pedance from nominal while still maintaining a
good return loss. For example a 30dB return loss
against 600
Ω is obtained if the output impedance
of the attenuator is in the range 282
Ω to 319Ω
(assuming a perfect transformer).
Figure 4: T-PAD Attenuator
Figure 5:
Π-PAD Attenuator
Table 2 : Attenuator Tables For
Z1 = Z2 = 300
Ω (all values in Ω).
dB
R1
R2
R3
R4
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
18
20
1.7
3.5
5.2
6.9
8.5
10.4
12.1
13.8
15.5
17.3
34.4
51.3
68
84
100
115
129
143
156
168
180
190
200
210
218
233
246
26k
13k
8.7k
6.5k
5.2k
4.4k
3.7k
3.3k
2.9k
2.6k
1.3k
850
650
494
402
380
284
244
211
184
161
142
125
110
98
77
61
3.5
6.9
10.4
13.8
17.3
21.3
24.2
27.7
31.1
34.6
70
107
144
183
224
269
317
370
427
490
550
635
720
816
924
1.17k
1.5k
52k
26k
17.4k
13k
10.5k
8.7k
7.5k
6.5k
5.8k
5.2k
2.6k
1.8k
1.3k
1.1k
900
785
698
630
527
535
500
473
450
430
413
386
366
R1
= Z1
N
2
+ 1
N
2
− 1
−2 √
Z1 . Z 2
N
N
2
− 1
R2
= 2
√
Z1.Z 2
N
N
2
− 1
Where: N
=
√
POWERIN
POWEROUT
an d: S =
√Z1
Z2
Also : Z =
√
ZSC . ZOC
Where ZSC = impedance with short circuit termi-
nation and ZOC = impedance with open circuit ter-
mination.
R3
=
√
Z1 .
Z 2
2
N
2 − 1
N
R3
= Z1
N
2
− 1
N
2
− 2NS + 1
ETC5054 - ETC5057
13/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com