Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETC5054 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ETC5054
Description  SERIAL INTERFACE CODEC/FILTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ETC5054 Datasheet(HTML) 3 Page - STMicroelectronics

  ETC5054 Datasheet HTML 1Page - STMicroelectronics ETC5054 Datasheet HTML 2Page - STMicroelectronics ETC5054 Datasheet HTML 3Page - STMicroelectronics ETC5054 Datasheet HTML 4Page - STMicroelectronics ETC5054 Datasheet HTML 5Page - STMicroelectronics ETC5054 Datasheet HTML 6Page - STMicroelectronics ETC5054 Datasheet HTML 7Page - STMicroelectronics ETC5054 Datasheet HTML 8Page - STMicroelectronics ETC5054 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
PIN DESCRIPTION
Name
Pin
Type
*
N
°
DIP
and
SO
N
°
PLCC
(**)
Fun ction
Description
VBB
S
1
1
Negative
Power Supply
VBB =– 5 V
± 5%.
GNDA
GND
2
2
Analog Ground
All signals are referenced to this pin.
VFRO
O
3
3
Receive Filter
Output
Analog Output of the Receive Filter
VCC
S
4
5
Positive Power
Supply
VCC =+ 5 V
± 5%.
FSR
I
5
6
Receive Frame
Sync Pulse
Enables BCLKR to shift PCM data into DR.FSR is an
8kHz pulse train. See figures 1,
2 and 3 for timing
details.
DR
I
6
7
Receive Data
Input
PCM data is shifted into DR following the FSR leading
edge.
BCLKR/CLKSEL
I
7
8
Shift-in Clock
Shifts data into DR after the FSR leading edge. May
vary from 64 kHz to 2.048 MHz. Alternatively, may be
a logic input which selects either 1.536 MHz/1.544
MHz or 2.048 MHz for master clock in synchronous
mode and BCLKX is used for both transmit and receive
directions (see table 1). This input has an internal pull-
up.
MCLKR/PDN
I
8
9
Receive Master Clock
Must be 1.536 MHz, 1.544 MHz or 2.048 MHz. May be
asynchronous
with
MCLKX,
but
should
be
synchronous with MCLKX for best performance. When
MCLKR is connected continuously low,
MCLKX is
selected for all internal timing. When MCLKR is
connected continuously high, the device is powered
down.
MCLKX
I
9
12
Transmit Master Clock
Must be 1.536 MHz, 1.544 MHz or 2.048 MHz. May be
asynchronous with MCLKR.
BCLKXI
10
14
Shift-out Clock
Shifts out the PCM data on DX. May vary from 64 kHz
to 2.048 MHz, but must be synchronous with MCLKX.
DX
O
11
15
Transmit
Data Output
The TRI-STATE
® PCM data output which is enabled
by FSX.
FSX
I
12
16
Transmit Frame
Sync Pulse
Enables BCLKX to shift out the PCM data on DX.FSX is
an 8 kHz pulse train. See figures 1, 2 and 3 for timing
details.
TSX
O
13
17
Transmit Time Slot
Open drain output which pulses low during the encoder
time slot. Recommended to be grounded if not used.
GSX
O
14
18
Gain Set
Analog output of the transmit input amplifier. Used to
set gain externally.
VFXI
–
I
15
19
Inverting Amplifier
Input
Inverting Input of the Transmit Input Amplifier.
VFXI
+
I
16
20
Non-inverting Amplifier
Input
Non-inverting Input of the Transmit Input Amplifier.
(*) I: Input, O: Output, S: Power Supply
(**) Pins 4,10,11 and 13 are not connected
TRI-STATE
®is a trademark of National Semiconductor Corp.
ETC5054 - ETC5057
3/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com