Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFB800 Datasheet(PDF) 4 Page - CINCON ELECTRONICS Corporation

Part # CFB800
Description  CFB800 SERIES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

CFB800 Datasheet(HTML) 4 Page - CINCON ELECTRONICS Corporation

  CFB800 Datasheet HTML 1Page - CINCON ELECTRONICS Corporation CFB800 Datasheet HTML 2Page - CINCON ELECTRONICS Corporation CFB800 Datasheet HTML 3Page - CINCON ELECTRONICS Corporation CFB800 Datasheet HTML 4Page - CINCON ELECTRONICS Corporation CFB800 Datasheet HTML 5Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.cincon.com
4
REVISION: V11
CFB800 Series
CHARACTERISTIC CURVE
Power Derating Curve
Performance Data
0
10
20
30
40
50
60
70
80
90
0
10
20
30
40
50
60
70
80
90
100
Ambient Temperature (℃)
CFB800-24S Derating Curve
without Heatsink (Vin=24V)
Natural
200 ft./min.
300 ft./min.
400 ft./min.
500 ft./min.
600 ft./min.
700 ft./min.
800 ft./min.
0
10
20
30
40
50
60
70
80
90
100
110
0
10
20
30
40
50
60
70
80
90
100
Ambient Temperature (℃)
CFB800-24S Derating Curve
with Heatsink FBL254 (Vin=24V)
Natural
100 ft./min.
200 ft./min.
300 ft./min.
400 ft./min.
70%
80%
90%
100%
10% 20% 30% 40% 50% 60% 70% 80% 90% 100%
Current Load (%)
CFB800-24S28
Eff Vs Io @25 Deg. C
18V
24V
36V
70%
80%
90%
100%
10% 20% 30% 40% 50% 60% 70% 80% 90% 100%
Current Load (%)
CFB800-24S56
Eff Vs Io @25 Deg. C
18V
24V
36V
0
10
20
30
40
50
60
70
80
90
100
0% 10% 20% 30% 40% 50% 60% 70% 80% 90% 100%
Output Power (%)
CFB800-24S28
Pd Vs Po @25 Deg. C
18V
24V
36V
0
10
20
30
40
50
60
70
80
90
100
0% 10% 20% 30% 40% 50% 60% 70% 80% 90% 100%
Output Power (%)
CFB800-24S56
Pd Vs Po @25 Deg. C
18V
24V
36V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com