Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFB800 Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # CFB800
Description  CFB800 SERIES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

CFB800 Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  CFB800 Datasheet HTML 1Page - CINCON ELECTRONICS Corporation CFB800 Datasheet HTML 2Page - CINCON ELECTRONICS Corporation CFB800 Datasheet HTML 3Page - CINCON ELECTRONICS Corporation CFB800 Datasheet HTML 4Page - CINCON ELECTRONICS Corporation CFB800 Datasheet HTML 5Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.cincon.com
2
REVISION: V11
CFB800 Series
TECHNICAL SPECIFICATIONS
(All specifications are typical at nominal input, full load at 25℃ unless otherwise noted.)
ABSOLUTE MAXIMUM RATINGS
PARAMETER
NOTES and CONDITIONS
Device
Min.
Typ.
Max.
Units
Input Voltage
Continuous
All
-0.3
36
Vdc
Input Surge Voltage
100ms max.
All
50
Vdc
Operating Case Temperature
At the center part of base plate
All
-40
100
℃
Storage Temperature
All
-55
105
℃
INPUT
CHARACTERISTICS
PARAMETER
NOTES and CONDITIONS
Device
Min.
Typ.
Max.
Units
Operating Input Voltage
All
18
24
36
Vdc
Input Under Voltage Lockout
Turn-On Voltage Threshold
All
16.5
17.0
17.5
Vdc
Turn-Off Voltage Threshold
All
15.5
16.0
16.5
Vdc
Lockout Hysteresis Voltage
All
1.0
Vdc
Maximum Input Current
Vin=18V, Full load
All
49
A
No-Load Input Current
Vin=24V, Io=0A
See Model Number Table
mA
Input Filter
Pi filter
All
Inrush Current (I2t)
As per ETS300 132-2
All
1.0
A2s
Input Reflected Ripple Current
P-P Thru 12uH Inductor, 5Hz to 20MHz
All
90
mA
OUTPUT
CHARACTERISTICS
PARAMETER
NOTES and CONDITIONS
Device
Min.
Typ.
Max.
Units
Voltage Set Point Accuracy
Vin=24V, Full load, Tc=25℃
All
-1.0
+1.0
%
Output Voltage Regulation
Load Regulation
Full Load to no load
All
±0.5
%
Line Regulation
Vin=High line to low line, full load
All
±0.2
%
Temperature Coefficient
Tc=-40℃ to 100℃
All
±0.02
%/℃
Output Voltage Ripple and Noise (5Hz to 20MHz Bandwidth)
Peak-to-Peak
Full Load, 10uF Tantalum capacitor and 1uF
ceramic capacitors
28Vo
280
mV
56Vo
560
RMS.
28Vo
100
mV
56Vo
200
Output Current Range
Vin= 18 to 36V
See Model Number Table
A
Over Current Protection
Continuous current. Auto recovery
All
105
110
120
%
Short Circuit Protection
All
Continuous, Auto Recovery
External Load Capacitance
Full load (resistive)
See Model Number Table
uF
Output Voltage Trim Range
Po≦max. rated power, Io≦Io_max.
All
-40
+10
%
Output Voltage Remote Sense
Range
Po≦max. rated power, Io≦Io_max.
% of nominal Vo
All
+10
%
Over Voltage Protection
Limited voltage, % of nominal Vo
All
115
125
140
%
Auxiliary Output Voltage
All
7
10
13
V
Auxiliary Output Current
All
20
mA
Power Good Signal (IOG)
Vout ready: low level, sink current
All
20
mA
Vout not ready: open drain output, applied
voltage
All
50
V
Load Share Accuracy (50%-100% load)
All
-5
+5
%
EFFICIENCY
PARAMETER
NOTES and CONDITIONS
Device
Min.
Typ.
Max.
Units
100% Load
Vin=24V
See Model Number Table
%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com