Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFB800 Datasheet(PDF) 3 Page - CINCON ELECTRONICS Corporation

Part # CFB800
Description  CFB800 SERIES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

CFB800 Datasheet(HTML) 3 Page - CINCON ELECTRONICS Corporation

  CFB800 Datasheet HTML 1Page - CINCON ELECTRONICS Corporation CFB800 Datasheet HTML 2Page - CINCON ELECTRONICS Corporation CFB800 Datasheet HTML 3Page - CINCON ELECTRONICS Corporation CFB800 Datasheet HTML 4Page - CINCON ELECTRONICS Corporation CFB800 Datasheet HTML 5Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.cincon.com
3
REVISION: V11
CFB800 Series
DYNAMIC CHARACTERISTICS
PARAMETER
NOTES and CONDITIONS
Device
Min.
Typ.
Max.
Units
Output Voltage Current Transient
Error Band
75% to 100% of Io_max. step load change
di/dt=0.1A/us
(within 1% Vout nominal)
All
±
3
±5
%
Recovery Time
All
500
us
Turn-On Delay and Rise Time
Full load (constant resistive load)
Turn-On Delay Time, From
On/Off Control
Von/off to 10%Vo_set, Remote on
All
75
ms
Turn-On Delay Time, From Input
Vin_min to 10%Vo_set, Power up
All
250
ms
Output Voltage Rise Time
10%Vo_set to 90%Vo_set
All
50
ms
ISOLATION CHARACTERISTICS
PARAMETER
NOTES and CONDITIONS
Device
Min.
Typ.
Max.
Units
Isolation Voltage
(100% Factory Hi-Pot Tested
@2sec.)
1 Minute; input to output
All
1500
Vdc
1 Minute; input to case (base plate)
1500
1 Minute; output to case (base plate)
1500
Isolation Resistance
Input to output
All
10
MΩ
Isolation Capacitance
Input to output
All
2760
pF
Input to case (base plate)
2000
Output to case (base plate)
2000
FEATURE CHARACTERISTICS
PARAMETER
NOTES and CONDITIONS
Device
Min.
Typ.
Max.
Units
Switching Frequency
Pulse width Modulation (PWM), fixed
All
225
250
275
KHz
On/Off Control, Negative Remote On/Off Logic, Refer to -Vin Pin
Logic Low (Module Off)
Von/off at Ion/off=1.0mA
All
1
10
mA
Logic High (Module On)
Von/off at Ion/off=0.0uA, Pin open=on
All
0
0.01
mA
On/Off Control, Positive Remote On/Off Logic, Refer to -Vin Pin
Logic High (Module Off)
Von/off at Ion/off=0.0uA, Pin open=off
All
0
0.01
mA
Logic Low (Module On)
Von/off at Ion/off=1.0mA
All
1
10
mA
Off Converter Input Current
Shutdown input idle current
All
50
mA
Over Temperature Shutdown
Temperature at the center part of base plate,
non-latching
All
110
℃
Over Temperature Recovery
All
90
℃
GENERAL SPECIFICATIONS
PARAMETER
NOTES and CONDITIONS
Device
Min.
Typ.
Max.
Units
MTBF
Io=100% of Io_max.;
MIL-HDBK - 217F_Notice 1, GB, 25℃
24S28
410
K
hours
24S56
492
Weight
All
220
grams
Case Material
Plastic, DAP
Base plate Material
Aluminum
Potting Material
UL 94V-0
Pin Material
Base: Copper
Plating: Nickel with Matte Tin
Shock/Vibration
Meet MIL-STD-810F
Humidity
95% RH max. Non Condensing
Altitude
2000m Operating Altitude, 12000m Transport Altitude
EMI
Meet EN55032 with External Filter
Class A
Application Note Link
CFB800 Series App Notes
Packaging Information Link
Packaging Information



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com