Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MC6-LF Datasheet(PDF) 45 Page - STMicroelectronics

Part # L99MC6-LF
Description  Configurable 6-channel device
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MC6-LF Datasheet(HTML) 45 Page - STMicroelectronics

Back Button L99MC6-LF Datasheet HTML 41Page - STMicroelectronics L99MC6-LF Datasheet HTML 42Page - STMicroelectronics L99MC6-LF Datasheet HTML 43Page - STMicroelectronics L99MC6-LF Datasheet HTML 44Page - STMicroelectronics L99MC6-LF Datasheet HTML 45Page - STMicroelectronics L99MC6-LF Datasheet HTML 46Page - STMicroelectronics L99MC6-LF Datasheet HTML 47Page - STMicroelectronics L99MC6-LF Datasheet HTML 48Page - STMicroelectronics L99MC6-LF Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 55 page
background image
L99MC6
Application examples
Doc ID 16523 Rev 2
45/32
11
Application examples
Figure 19.
L99MC6 as driver for incandescent bulb, LEDs and high-side or low-side
relays
Control
VDD 5V
SPI
=1
Out1
Out2
Out3
Out4
Out5
Out6
GND
IN/PWM
VS 12V
SCK
CSN
DO
DI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com