Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MC6-LF Datasheet(PDF) 17 Page - STMicroelectronics

Part # L99MC6-LF
Description  Configurable 6-channel device
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MC6-LF Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L99MC6-LF Datasheet HTML 13Page - STMicroelectronics L99MC6-LF Datasheet HTML 14Page - STMicroelectronics L99MC6-LF Datasheet HTML 15Page - STMicroelectronics L99MC6-LF Datasheet HTML 16Page - STMicroelectronics L99MC6-LF Datasheet HTML 17Page - STMicroelectronics L99MC6-LF Datasheet HTML 18Page - STMicroelectronics L99MC6-LF Datasheet HTML 19Page - STMicroelectronics L99MC6-LF Datasheet HTML 20Page - STMicroelectronics L99MC6-LF Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 55 page
background image
L99MC6
Absolute maximum ratings
Doc ID 16523 Rev 2
17/32
3
Absolute maximum ratings
Stressing the device above the rating listed in Table 3 may cause permanent damage to the
device. These are stress ratings only and operation of the device at these or any other
conditions above those indicated in the operating sections of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device
reliability. Refer also to the STMicroelectronics™ SURE program and other relevant quality
document.
All maximum ratings are absolute ratings. Leaving the limitation of any of these values may
cause an irreversible damage of the integrated circuit.
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VS (DRN1 HS
config)
DC supply voltage
-0.3 to 28
V
Single pulse tmax < 400 ms in HS or LS
configuration with Rload min = 40 Ω
(1)
1.
The device requires a minimum load impedance of 40
Ω to sustain a load dump pulse of 40 V according to
the ISO 7637 pulse 5b.
40
V
Single pulse tmax < 400 ms in bridge mode
VDRN_CL1-6
V
VCC
Stabilized supply voltage, logic supply
-0.3 to 5.5
V
DI, DO, SCK,
CSN, IN
Digital input/output voltage
-0.3 to VCC + 0.3
V
DRN 1-6
Output current capability
±1,65
A
SRC 1-3
Output current capability
±1,65
A
GND
Current capability
3,30
A
Tj
Operating junction temperature
-40 to 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com