Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MC6-LF Datasheet(PDF) 16 Page - STMicroelectronics

Part # L99MC6-LF
Description  Configurable 6-channel device
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MC6-LF Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L99MC6-LF Datasheet HTML 12Page - STMicroelectronics L99MC6-LF Datasheet HTML 13Page - STMicroelectronics L99MC6-LF Datasheet HTML 14Page - STMicroelectronics L99MC6-LF Datasheet HTML 15Page - STMicroelectronics L99MC6-LF Datasheet HTML 16Page - STMicroelectronics L99MC6-LF Datasheet HTML 17Page - STMicroelectronics L99MC6-LF Datasheet HTML 18Page - STMicroelectronics L99MC6-LF Datasheet HTML 19Page - STMicroelectronics L99MC6-LF Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 55 page
background image
Description
L99MC6
16/32
Doc ID 16523 Rev 2
2.7
Bulb mode (programmable soft start function to drive loads
with higher inrush current)
Loads with start-up currents higher than the overcurrent limits (for example inrush current of
lamps, start current of motors and cold resistance of heaters) can be driven by using the
programmable soft start function (that is overcurrent recovery mode). Each driver has a
corresponding overcurrent recovery bit. If this bit is set, the device automatically switches-
on the outputs again after a fixed recovery time. The PWM modulated current provides
sufficient average current to power up the load (for example heat up the bulb) until the load
reaches operating condition (Figure 6).
The device itself cannot distinguish between a real overload and a non linear load like a light
bulb. A real overload condition can only be qualified by time. As an example the
microcontroller can switch-on light bulbs by setting the overcurrent recovery bit for the first
50 ms. After clearing the recovery bit, the output is automatically disabled if the overload
condition still exits.
Figure 7.
Example of programmable soft start function for inductive loads and incandescent
bulbs
Load Current
Unlimited Inrush Current
Limited Inrush Current in
overcurrent recovery
mode with inductive load
t
Load Current
Unlimited Inrush Current
Limited Inrush Current in
overcurrent recovery mode
with incandescent bulb
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com